Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3372 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3372
Description  This note describes digital ballast for 70 W HID lamps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3372 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3372 Datasheet HTML 8Page - STMicroelectronics AN3372 Datasheet HTML 9Page - STMicroelectronics AN3372 Datasheet HTML 10Page - STMicroelectronics AN3372 Datasheet HTML 11Page - STMicroelectronics AN3372 Datasheet HTML 12Page - STMicroelectronics AN3372 Datasheet HTML 13Page - STMicroelectronics AN3372 Datasheet HTML 14Page - STMicroelectronics AN3372 Datasheet HTML 15Page - STMicroelectronics AN3372 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
5
STEVAL-ILH004V1: BOM list
Table 1.
BOM
Reference
Part / value
Tolerance%
Rating
Technology
Manufacturer
C1
1 nF
20%
250 Vac
Y1 suppression ceramic capacitor
C2, C3
100 nF
10%
305 Vac
Polypropylene film capacitor X2
TK-EPC
B32922C3104K000
C4
680 nF
10%
450 Vdc
Polypropylene film capacitor
TK-EPC
B32673Z4684K000
C5, C7, C8
100 pF
10%
25 V
X7R ceramic capacitor
C6, C10, C27
10 nF
10%
25 V
X7R ceramic capacitor
C9, C19
4.7 µF
20%
63 V
Polyester film capacitor
TK-EPC
B32529D0475M000
C11
330 nF
10%
305 Vac
Polypropylene film capacitor
TK-EPC
B32652A6334K000
C12
220 pF
10%
6 kV/ 6.3 kV
High voltage ceramic capacitor
C13
470 nF
10%
630 V
Polypropylene film capacitor
TK-EPC
B32653A6474K000
C14, C15
100 µF
20%
250 V
Electrolytic aluminium capacitor
TK-EPC
B43858H2107M000
C16, C18, C21, C22, C23,
C24
100 nF
10%
25 V
X7R ceramic capacitor
C17
680 nF
10%
50 V
X7R ceramic capacitor
C20
3.3 nF
10%
50 V
X7R ceramic capacitor
C25
100 µF
20%
35 V
Electrolytic aluminium capacitor
C26, C30, C31,C32, C33,
C34
33 pF
10%
25 V
X7R ceramic capacitor
C29
10 µF
10%
10 V
X7R/X5R ceramic capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com