Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4444 Datasheet(PDF) 52 Page - STMicroelectronics

Part # AN4444
Description  ST7590 PRIME compliant power line networking SoC design guide
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4444 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button AN4444 Datasheet HTML 48Page - STMicroelectronics AN4444 Datasheet HTML 49Page - STMicroelectronics AN4444 Datasheet HTML 50Page - STMicroelectronics AN4444 Datasheet HTML 51Page - STMicroelectronics AN4444 Datasheet HTML 52Page - STMicroelectronics AN4444 Datasheet HTML 53Page - STMicroelectronics AN4444 Datasheet HTML 54Page - STMicroelectronics AN4444 Datasheet HTML 55Page - STMicroelectronics AN4444 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
Design guidelines
AN4444
52/68
DocID025925 Rev 2
An array of 4 x 4 thermal vias at 1.0 mm pitch, with a via diameter of 0.3 mm, has been
incorporated in the thermal pad, as shown in Figure 43.
To minimize solder wicking effect due to open vias, possibly leading to poor soldering of the
QFN48 exposed pad, the via encroaching technique has been adopted (see the bottom side
of Figure 43). The bottom side solder resist has only small openings (nearly 0.2 mm larger
than the via drill diameter) around the vias; the reduced area of exposed copper on the
bottom reduces the amount of solder paste flowing down the vias.
Figure 43. PCB copper dissipating area on top layer (left) and bottom layer (right) for the ST7590
reference design board
Another important parameter for effective heat dissipation is the copper thickness for both
top and bottom layers. 1 oz copper is considered as the minimum value to ensure good
dissipation.
The bottom side routing plays an important role too. The solid ground area of copper under
the device must be as large as possible to minimize the thermal impedance. Therefore,
traces on the bottom side must run as far as possible from the device area.
10.1.2
Ground connections
Good soldering of the ST7590 exposed pad is required also to minimize ground noise.
Being the exposed pad connected to VSSA, its cleanness is directly related to the noise
level detected by the receiving circuitry (i.e.: to the actual sensitivity level) and to the PLL
behavior.
It is very important to filter each supply pin to its respective ground: VCC to VSS, VCCA and
VDD_PLL to VSSA, VDDIO and VDD to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com