Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4444 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4444
Description  ST7590 PRIME compliant power line networking SoC design guide
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4444 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4444 Datasheet HTML 21Page - STMicroelectronics AN4444 Datasheet HTML 22Page - STMicroelectronics AN4444 Datasheet HTML 23Page - STMicroelectronics AN4444 Datasheet HTML 24Page - STMicroelectronics AN4444 Datasheet HTML 25Page - STMicroelectronics AN4444 Datasheet HTML 26Page - STMicroelectronics AN4444 Datasheet HTML 27Page - STMicroelectronics AN4444 Datasheet HTML 28Page - STMicroelectronics AN4444 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
DocID025925 Rev 2
25/68
AN4444
ST7590 reference design description
68
8.1
Line coupling section
The line coupling section is composed of five different subsections: the line driver, the power
line coupling, the reception filter, the optional reception amplifier and the zero crossing
coupling.
All subsections are described from Section 8.1.1: Line driver to Section 8.1.4: Zero crossing
coupling on page 35. For each subsection, calculations and measured behavior are
reported.
The frequency response of the filters is usually sensitive to tolerance of component values.
Actual components used in the ST7590 reference design have the following tolerances:
± 20% for the X1 capacitor and the coils, ± 5% for SMD ceramic capacitors, ± 1% for SMD
resistors.
To evaluate the sensitivity to these possible variations, simulated responses are also
included, with Montecarlo statistical analysis of response variation vs. the spread of
component values.
For the line driver, C0G/NPO type capacitors are required to guarantee linearity and stability
against signal amplitude and frequency.
98
1
U1
EMIF06-MSD02N16(1)
EMI / ESD protection -
MicroQFN 16L
99
1
U2
ST7590(1)
QFN48 with exposed pad
100
1
U3
STM32F103RGT7(1)
LQFP64
101
1
U4
TL082ID(1)
General purpose dual op amp
- SO8
102
1
U5
USBLC6-2P6(1)
SOT-666
103
1
Y1
8 MHz
XTAL-HC49U
104
1
Y2
NC
XTAL-HC49U
1. ST parts on board.
Table 4. Bill of materials (continued)
Item Qty.
Reference
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com