Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4444 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4444
Description  ST7590 PRIME compliant power line networking SoC design guide
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4444 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4444 Datasheet HTML 24Page - STMicroelectronics AN4444 Datasheet HTML 25Page - STMicroelectronics AN4444 Datasheet HTML 26Page - STMicroelectronics AN4444 Datasheet HTML 27Page - STMicroelectronics AN4444 Datasheet HTML 28Page - STMicroelectronics AN4444 Datasheet HTML 29Page - STMicroelectronics AN4444 Datasheet HTML 30Page - STMicroelectronics AN4444 Datasheet HTML 31Page - STMicroelectronics AN4444 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
ST7590 reference design description
AN4444
28/68
DocID025925 Rev 2
Center frequency for the series resonance can be calculated at first approximation as:
Equation 2
provided that the C2 capacitance is much greater than the C5 capacitance. L1 is the series
of L1 and the leakage inductance of the coupling transformer T1, adding about 1 µH to L1.
The Q factor of this coupling circuit is driven by the mains line impedance: the choice of the
L1 and C5 values, anyway, leads to a limited attenuation due to either a parasitic impedance
or a resonance selectivity.
If loaded with a 2
 line impedance, the coupling circuit shows a Q factor equal to 1.2 and
a -3 dB bandwidth of 56 kHz (typical values).
Particular attention has been paid in choosing the line transformer. The required
characteristics are listed in Table 5. In order to have a good signal transfer and minimize the
insertion losses, it is recommended to choose a transformer with a primary (shunt)
inductance of 0.5 mH or greater, a leakage inductance much smaller than L1 and a total DC
resistance lower than 0.5
.
Table 5. Line coupling transformer specifications
Parameter
Value
Turn ratio
1:1
Shunt inductance
≥ 0.5 mH
Leakage inductance
≤ 1.5 µH
DC total resistance
≤ 0.5
DC saturation current
≥ 15 mA
Inter-winding capacitance
< 30 pF
Withstanding voltage
≥ 4 kV for double insulation
≥ 1.5 kV for functional insulation
kHz
58
2
1
5
'
1
C
L
fc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com