Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4444 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN4444
Description  ST7590 PRIME compliant power line networking SoC design guide
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4444 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN4444 Datasheet HTML 35Page - STMicroelectronics AN4444 Datasheet HTML 36Page - STMicroelectronics AN4444 Datasheet HTML 37Page - STMicroelectronics AN4444 Datasheet HTML 38Page - STMicroelectronics AN4444 Datasheet HTML 39Page - STMicroelectronics AN4444 Datasheet HTML 40Page - STMicroelectronics AN4444 Datasheet HTML 41Page - STMicroelectronics AN4444 Datasheet HTML 42Page - STMicroelectronics AN4444 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
DocID025925 Rev 2
39/68
AN4444
ST7590 reference design description
68
8.2.2
Digital interfaces to STM32
The EVALKITST7590-Q1 allows accessing the STM32F103RGT7 microcontroller via its
available interfaces:
Serial wire/JTAG debug , that enables either a serial wire debug or a JTAG compliant
debug through a JTAG1 connector
USB 2.0 full speed through a mini-USB CN4 connector
2 SPI interfaces:
One is used to access an external µSD card with FAT32 support through a µSD
CN3 connector
The second one works at 18 Mbit/s and presents the SPI signals at a J1 strip
connector.
I2C
A second UART (TXD and RXD signals), besides the one used for ST7590
connections
I2C and UART signals are accessible through the same double strip connector J2.
The NRST signal is externally accessible through a push-button.
8.2.3
Metrology interface to STM32
The EVALKITST7590-Q1 provides a free STM32 SPI interface at a J1 strip connector. This
SPI is available for connection to STPMxx metrology boards. Note that DIP switches must
be opened when a metrology board is connected.
8.2.4
General purpose push-buttons and LEDs
The EVALKITST7590-Q1 provides configurable input and output connections to the
STM32F103 microcontroller for both externally generated events and signaling purposes. In
fact, the board presents:
3 signaling LEDs, connected to PB5, PB6, PB7 outputs
2 push-buttons connected to PB10, PB11, to generate manually events triggering
programmable functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com