Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4444 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN4444
Description  ST7590 PRIME compliant power line networking SoC design guide
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4444 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN4444 Datasheet HTML 31Page - STMicroelectronics AN4444 Datasheet HTML 32Page - STMicroelectronics AN4444 Datasheet HTML 33Page - STMicroelectronics AN4444 Datasheet HTML 34Page - STMicroelectronics AN4444 Datasheet HTML 35Page - STMicroelectronics AN4444 Datasheet HTML 36Page - STMicroelectronics AN4444 Datasheet HTML 37Page - STMicroelectronics AN4444 Datasheet HTML 38Page - STMicroelectronics AN4444 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
DocID025925 Rev 2
35/68
AN4444
ST7590 reference design description
68
Figure 25. Montecarlo simulation of the reception external amplifier with automatic attenuation
8.1.4
Zero crossing coupling
The zero crossing coupling circuit is aimed at providing a bipolar (AC) signal synchronous
with the mains network voltage to the ZC_IN pin. This signal must be centered on VSS and
limited to ± 5 V peak (see Part 1 of Section 13: References on page 63).
The isolated zero crossing circuit is realized through an optocoupler in non-inverting
configuration. Neutral and phase lines are brought to the optocoupler through 33 k
resistors in series, as represented in Figure 26. The STTH1L06A diode protects photodiode
during negative half-wave. The three 33 k
 series resistors limit the photodiode input
current to nearly 2 mA rms at 230 V AC. Having two resistors on the L line helps preventing
short-circuits in case of resistor degradation.
Figure 26. Isolated zero crossing coupling circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com