Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4444 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4444
Description  ST7590 PRIME compliant power line networking SoC design guide
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4444 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4444 Datasheet HTML 19Page - STMicroelectronics AN4444 Datasheet HTML 20Page - STMicroelectronics AN4444 Datasheet HTML 21Page - STMicroelectronics AN4444 Datasheet HTML 22Page - STMicroelectronics AN4444 Datasheet HTML 23Page - STMicroelectronics AN4444 Datasheet HTML 24Page - STMicroelectronics AN4444 Datasheet HTML 25Page - STMicroelectronics AN4444 Datasheet HTML 26Page - STMicroelectronics AN4444 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
DocID025925 Rev 2
23/68
AN4444
ST7590 reference design description
68
34
1
D1
SM6T15CA(1)
SMB
35
2
D2, D3
STPS1L30A(1)
DO214AC
36
1
D4
STTH1L06A(1)
DIODO-SMA
37
1
D5
SMAJ5.0CA(1)
DIODO-SMA-BIDIR
38
2
FB1, FB2
BLM18AG331SN1D
SMD-0603
39
2
FB3, FB4
BLM21PG331SN1
SMD-0805
40
1
ISO1
TLP781(GB)
Optocoupler
41
4
JP1, JP2, JP4, JP5, JP6, JP9, JP10
CLOSE
2-way solder jumper
42
4
JP3
OPEN
2-way solder jumper
43
1
JP7
6-pin strip connector
44
1
JP8
4-pin strip connector
45
1
JP11
CLOSE 1 - 2, 3 - 4
Jumper 2 x 2 - 90°
46
1
JTAG1
JTAG_20P
Flat connector - 10 x 2 - 90°
47
1
J1
STPMx connector
Strip connector - 5 x 2
48
1
J2
I2C1 - UART1 connector
Strip connector - 5 x 2 - 90°
49
1
L1
EPCOS B82464A4153M
WE 744776115
SMD power inductor
50
1
L2
NC
51
1
L3
EPCOS B82462G4474
WE 74477824
SMD power inductor
52
1
L4
NC
53
3
Q1, Q2, Q3
2N7002
SOT23
54
3
RN1, RN2, RN3
10 K
RESN-CAY10
55
3
R1, R2, R7
33 K
SMD-1206
56
2
R3, R11
3.9 K
SMD-0402
57
4
R4, R55, R59, R66
470
SMD-0402
58
1
R5
100
SMD-0603
59
2
R13
27 K
SMD-0402
60
5
R8, R14, R27, R43, R62
0
SMD-0402
61
1
R9
4.7 K
1%
SMD-0402
62
1
R10
18.7 K
 1%
SMD-0402
63
1
R12
24 K
 1%
SMD-0402
64
20
R15, R18, R20, R29, R34, R37, R41,
R42, R46, R48, R49, R52, R54, R60,
R67, R68, R69, R70, R71, R74
10 K
SMD-0402
Table 4. Bill of materials (continued)
Item Qty.
Reference
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com