Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4444 Datasheet(PDF) 49 Page - STMicroelectronics

Part # AN4444
Description  ST7590 PRIME compliant power line networking SoC design guide
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4444 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button AN4444 Datasheet HTML 45Page - STMicroelectronics AN4444 Datasheet HTML 46Page - STMicroelectronics AN4444 Datasheet HTML 47Page - STMicroelectronics AN4444 Datasheet HTML 48Page - STMicroelectronics AN4444 Datasheet HTML 49Page - STMicroelectronics AN4444 Datasheet HTML 50Page - STMicroelectronics AN4444 Datasheet HTML 51Page - STMicroelectronics AN4444 Datasheet HTML 52Page - STMicroelectronics AN4444 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
DocID025925 Rev 2
49/68
AN4444
Reference design standard tests
68
Figure 40 describes the protection intervention in case of differential mode disturbances.
A differential voltage higher than 15 V p-p is clamped by the D1 bidirectional Transil™
diode. The D1 is the most robust protection and also the one that is able to absorb most of
the energy of any incoming disturbance.
Figure 40. Differential mode disturbances protection
9.4
PRIME pre-compliance tests
Minimum output level over PRIME LISN
The ST7590 reference design is capable to provide a 121 dBµV over PRIME LISN, thus
complying with the 120 dBµV minimum level set by PRIME specifications.
Note that, as indicated by PRIME specifications, the measurement result is 6 dB lower than
the actual value, being it measured between the line and ground (half signal power).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com