Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4444 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4444
Description  ST7590 PRIME compliant power line networking SoC design guide
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4444 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4444 Datasheet HTML 18Page - STMicroelectronics AN4444 Datasheet HTML 19Page - STMicroelectronics AN4444 Datasheet HTML 20Page - STMicroelectronics AN4444 Datasheet HTML 21Page - STMicroelectronics AN4444 Datasheet HTML 22Page - STMicroelectronics AN4444 Datasheet HTML 23Page - STMicroelectronics AN4444 Datasheet HTML 24Page - STMicroelectronics AN4444 Datasheet HTML 25Page - STMicroelectronics AN4444 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
ST7590 reference design description
AN4444
22/68
DocID025925 Rev 2
Table 4. Bill of materials
Item Qty.
Reference
Value
Description
1
1
CN1
CON-MOLEX-KK100-3P
CON-MOLEX-42376-3P-90°
(pin 2 removed)
2
1
CN2
CON-MOLEX-KK100-3P
CON-MOLEX-42376-3P-90°
3
1
CN3
SDCARD-HRS-DM3DSF
SDCARD-HRS-DM3DSF
4
1
CN4
CN-USB
USBMB-HRS-UX60SC
5
3
C1, C21, C39
100 nF/25 V/X5R
SMD-0402
6
1
C2
10
F/25 V/X7R
SMD-1206
7
1
C3
NC
8
1
C4
NC
9
1
C5
470 nF X1
10
1
C6
4.7 pF/C0G
SMD-0402
11
4
C7, C16, C36, C46
10
F/6.3 V
SMD-0603
12
2
C8, C44
10 pF
SMD-0402
13
11
C9, C10, C19, C27, C28, C34, C41,
C42, C43, C48, C50
100 nF/X5R
SMD-0402
14
1
C11
15 nF/25 V/X7R
SMD-0402
15
1
C12
27 pF/C0G
SMD-0402
16
2
C13, C22
100 nF/16 V/X7R
SMD-0402
17
1
C14
10
F/25 V/X5R
SMD-1206
18
6
C15, C17, C26, C35, C45, C49
100 nF
SMD-0402
19
1
C18
100 pF/C0G
SMD-0402
20
1
C20
10 nF/16 V/X7R
SMD-0402
21
1
C23
1 nF/C0G
SMD-0402
22
2
C24, C25
20 pF
SMD-0402
23
1
C29
1 nF/X5R
SMD-0402
24
1
C30
NC
SMD-0402
25
1
C31
1
F/16 V
SMD-0603
26
2
C32, C47
47 pF
SMD-0402
27
1
C33
4.7
F/4 V/X5R
SMD-0402
28
1
C37
10
F/10 V/X5R
SMD-0805
29
1
C38
10 nF/X5R
SMD-0402
30
1
C40
2.2 nF
SMD-0402
31
3
DL1, DL4, DL7
LED - red
SMD-0603
32
3
DL2, DL3, DL5
LED - green
SMD-0603
33
1
DL6
LED - yellow
SMD-0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com