Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1518 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1518
Description  ST7580 power line modem demonstration kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1518 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1518 Datasheet HTML 8Page - STMicroelectronics UM1518 Datasheet HTML 9Page - STMicroelectronics UM1518 Datasheet HTML 10Page - STMicroelectronics UM1518 Datasheet HTML 11Page - STMicroelectronics UM1518 Datasheet HTML 12Page - STMicroelectronics UM1518 Datasheet HTML 13Page - STMicroelectronics UM1518 Datasheet HTML 14Page - STMicroelectronics UM1518 Datasheet HTML 15Page - STMicroelectronics UM1518 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Getting started
UM1518
12/37
Doc ID 022791 Rev 2
4
Getting started
4.1
Introduction
The ST7580 GUI gives the user complete control of the ST7580 device, with full access to
all the settings and functions described in [2]. The GUI can be used to:
●
Establish a connection to the ST7580 modem
●
Configure the ST7580 and manage all its settings
●
Perform any transmission and reception of data over the power line
●
Open a Ping session, where at least two modems (a Master device and one or more
Slave devices) can communicate exchanging data.
A single instance of the ST7580 GUI can handle only one EVALST7580-1 board at a time.
Figure 8 shows the main window of the ST7580 GUI. The panel is divided into two sections:
1.
Console: box displaying all the messages exchanged with the node. The messages
can be cleared or saved in a .txt file through options on the “Tools” menu bar;
2.
Node panel: used to control an ST7580 node; it is divided into five tabs to easily
change between the main service blocks of the node:
–
The properties and services of the connection to the PC;
–
The device's basic configuration, related to MIB objects 00h (modem
configuration) and 01h (PHY configuration);
–
The characteristics of the exchanged power line frames (for both transmitted and
received frames);
–
The access (writing, reading, erasing) to the MIB objects.
–
The settings to open a Ping session (selecting Master or Slave role) and display
the communication results.
A point in the top part of this window always displays the composition of the status message
returned by the modem and the occurrence of error during the last requested command:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com