Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1518 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM1518
Description  ST7580 power line modem demonstration kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1518 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM1518 Datasheet HTML 23Page - STMicroelectronics UM1518 Datasheet HTML 24Page - STMicroelectronics UM1518 Datasheet HTML 25Page - STMicroelectronics UM1518 Datasheet HTML 26Page - STMicroelectronics UM1518 Datasheet HTML 27Page - STMicroelectronics UM1518 Datasheet HTML 28Page - STMicroelectronics UM1518 Datasheet HTML 29Page - STMicroelectronics UM1518 Datasheet HTML 30Page - STMicroelectronics UM1518 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
UM1518
Services
Doc ID 022791 Rev 2
27/37
Slave node
When a node is set as "Slave" for a Ping session, it automatically answers each received
frame by sending a packet built with identical electrical features and Payload data.
Before starting the Ping session, the node needs to be configured with two frequency values
for reception and the corresponding functional modulations. These values are overwritten to
MIB object 01h (Physical configuration) and the node is set to work on a dual channel
reception.
From a functional point of view, a Slave Address Number is assigned as well, as 1-byte
value. The Slave node re-transmits the frames with Slave Address subfield (Figure 23)
equal to the Slave Address Number assigned to it.
The GUI allows the user to choose between two Stop conditions:
1.Frame number: the GUI stops the Ping session after the node receives a fixed number of
Indication messages (DL_DataIndication and DL_SnifferIndication);
2.Time: the GUI stops the Ping session after a number of seconds selected by the user (if
the number set through the GUI is equal to 0, the Ping session ends when the "Stop Ping"
button is pressed).
After an Indication message, three cases are taken into account and displayed by the GUI:
1. A DL_DataIndication has been notified by the modem and the Frame Address subfield is
equal to the Frame Address parameter set to the node; the Node sends a powerline frame
with same electrical conditions (Frequency carrier, modulation) and data Payload (in
accordance with Figure 23 subfields). The dedicated "Received OK" counter increases.
2. A DL_DataIndication has been notified by the modem and the Frame Address subfield is
not equal to the Frame Address parameter set to the node; the dedicated "RX Wrong
Address" counter increases and any frame is transmitted.
3. A DL_SnifferIndication has been notified by the ST7580: the dedicated "RX Wrong CRC"
counter increases. However, if the Frame Address subfield is equal to the Frame Address
parameter set to the node, a powerline frame is transmitted with same electrical conditions
(Frequency carrier, modulation) and data payload (in accordance with Figure 23 subfields).
Figure 25 reports the flowchart of Master node throughout the Ping session:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com