Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1518 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM1518
Description  ST7580 power line modem demonstration kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1518 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM1518 Datasheet HTML 21Page - STMicroelectronics UM1518 Datasheet HTML 22Page - STMicroelectronics UM1518 Datasheet HTML 23Page - STMicroelectronics UM1518 Datasheet HTML 24Page - STMicroelectronics UM1518 Datasheet HTML 25Page - STMicroelectronics UM1518 Datasheet HTML 26Page - STMicroelectronics UM1518 Datasheet HTML 27Page - STMicroelectronics UM1518 Datasheet HTML 28Page - STMicroelectronics UM1518 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
UM1518
Services
Doc ID 022791 Rev 2
25/37
Figure 23.
Payload subfields on DL frames of Ping session
The Master sends periodically, with an inter-packet time selected by the user (in seconds), a
burst of DL frames built (see Figure 23) with a fixed value on Slave Address subfields (1
byte) and an increment value on Frame number subfield. The Frame number value is
managed by the GUI and it is equal to 0 on the first DL frame of the Ping session, it
increases on next sent frames up to value 255 hexadecimal FF. The next frame, after that
with a number of frames equal to 255, is built with a subfield equal to 0.
The user chooses the number of frames to be transmitted by the Master during the Ping
session, which ends after sending this number of frames.
After each sent frame, a further frame is expected to be received to successfully accomplish
a single Ping loopback, within an interval with length equal to inter-packet time. In case of a
frame received by the Master node, the GUI compares the electrical parameters and
Payload to those for transmitted frame. Three cases are taken into account by the GUI:
1. A DL_DataIndication has been notified by the modem reporting the same electrical
features (modulation, carrier frequency), the Payload length and data values (over the three
subfields) as the last ones to be transmitted. The single Ping loopback is reported as
successful by increasing a dedicated "Ping OK" counter;
2. A DL_DataIndication has been notified by the modem reporting different electrical
features or Payload data. As DL_DataIndication assumes a correct check on CRC of the
powerline frames, the communication link from Slave to Master is considered as good, while
the difference of frames are supposed to be due to the link from Master to Slave. Hence, the
single Ping loopback is reported as failed, by increasing a dedicated "Ping Wrong Link 1"
counter;
3. A DL_SnifferIndication has been notified by the modem. The communication link from
Slave to Master is judged to be the cause of the wrong single Ping loopback and dedicated
"Ping Wrong Link 2" counter increases.
In case of no Indication message notified by the ST7580 within the inter-packet time interval,
the single Ping loopback is judged as failed, by increasing the corresponding "Ping Not OK"
counter.
Figure 24 reports the flowchart of Master node throughout Ping session:
DL SDU
Payload
from 0 up to246 bytes
PHY SDU
1 byte
CRC
4 byte, LE
1 byte
1 byte
from 0 to 244 bytes
AM16522v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com