Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1518 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM1518
Description  ST7580 power line modem demonstration kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1518 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM1518 Datasheet HTML 12Page - STMicroelectronics UM1518 Datasheet HTML 13Page - STMicroelectronics UM1518 Datasheet HTML 14Page - STMicroelectronics UM1518 Datasheet HTML 15Page - STMicroelectronics UM1518 Datasheet HTML 16Page - STMicroelectronics UM1518 Datasheet HTML 17Page - STMicroelectronics UM1518 Datasheet HTML 18Page - STMicroelectronics UM1518 Datasheet HTML 19Page - STMicroelectronics UM1518 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Services
UM1518
16/37
Doc ID 022791 Rev 2
The four buttons in the Modem configuration tab, highlighted by the red squares, execute
correspondingly:
●
Modem configuration write: it performs an “MIB Write Request” command automatically
built with MIB index 00h and data as selected in the objects above;
●
Modem configuration read: it performs an “MIB Read Request” command automatically
built with MIB index 00h; if the command is properly executed, the data contained in the
expected “MIB Read Confirm” (sent by the ST7580) is extracted and displayed in the
objects above;
●
PHY configuration write: as the previous “Modem Configuration Write”, it performs an
MIB Write Request on the MIB object 01h (PHY layer configuration);
●
PHY configuration read: as the previous “Modem Configuration Read”, it performs an
MIB Read Request on the MIB object 01h (PHY layer configuration).
5.2
Power line communication: transmission and reception
In order to put into place a proper power line communication through the GUI, it is enough to
power on the EVALST7580-1 and to open the USB port as explained in Section 4.2.
The “Communication” tab contains all the parameters for ST7580 commands related to
power line communication:
●
“Transmission” box: refers to three “Data Request” commands and contains all their
parameters and data to allow the user to choose the transmission settings;
●
“Confirm” box: displays the parameters of the last “Data Confirm” received from the
ST7580 device;
●
“Reception” box: shows the parameters and the data of the last “Data Indication”
received.
5.2.1
Power line transmission command
As shown in Figure 12, the transmission box contains:
1.
The “TX Layer” drop-down menu: through this parameter it is possible to choose which
kind of Data Request command the GUI addresses to the ST7580.
–
The PHY_Data selection determines a “PHY Data Request” command;
–
The DL_Data selection determines a “DL Data Request” command;
–
The SS_Data selection determines a “SS Data Request” command.
2.
All transmission parameters to be filled in a data request command; note that:
–
“TX Gain” value is accessible if “Gain Selector” bit is equal to “Custom” value only;
–
“SS Header Length” value is accessible if selected “TX Layer” value is equal to
“SS_Data” only.
3.
The Payload box where the data to be transmitted must be expressed in hexadecimal
characters;
4.
The length (in bytes) of the inserted Payload data, automatically calculated and
displayed.
5.
The Data Request button that builds a Data Request command and transmits it to the
ST7580 connected device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com