Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1518 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM1518
Description  ST7580 power line modem demonstration kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1518 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM1518 Datasheet HTML 27Page - STMicroelectronics UM1518 Datasheet HTML 28Page - STMicroelectronics UM1518 Datasheet HTML 29Page - STMicroelectronics UM1518 Datasheet HTML 30Page - STMicroelectronics UM1518 Datasheet HTML 31Page - STMicroelectronics UM1518 Datasheet HTML 32Page - STMicroelectronics UM1518 Datasheet HTML 33Page - STMicroelectronics UM1518 Datasheet HTML 34Page - STMicroelectronics UM1518 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
UM1518
Services
Doc ID 022791 Rev 2
31/37
5.6.3
Ping Slave session
As shown in Figure 27, the following parameters, listed in Table 4, can be selected for the
Ping session corresponding to Slave device.
Inter-packet time [s]
Control
Interval which the GUI sets during two consecutive transmitted
frames within Ping Session. Minimum value is 1 second.
Reset MIB
counters on start
Control
Selection to erase MIB objects 06h (PHY Data) and 07h (DL Data)
before Ping session starts.
Start and Stop buttons
Start Ping
Control
Button to start the Ping session
Stop Ping
Control
Button to force the Ping session when the transmitted frames are
less than the selected total frame number.
Ping session activity and results
Ping OK
Indicator
Number of Ping loop (transmitted and received) performed without
any wrong received bit.
Ping Wrong Link 1
Indicator
Number of Ping loop (transmitted and received) performed with
wrong received bit during the communication from Master to Slave
Ping Wrong Link 2
Indicator
Number of Ping loop (transmitted and received) performed with
wrong received bit during the communication from Slave to Master
Ping Not OK
Indicator
Number of Ping loop (transmitted and received) performed with no
loopback frame reception by the Master
Frame sent
Indicator
Number of frames successfully transmitted by the Master, updated
by the GUI during the Ping session execution.
Ping active
Indicator
LED displaying the Ping session activity:
-Green when Ping session is active;
-Red when Ping session is not active.
Table 3.
Ping session: Master tab parameters (continued)
Parameter
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com