Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1518 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM1518
Description  ST7580 power line modem demonstration kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1518 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM1518 Datasheet HTML 29Page - STMicroelectronics UM1518 Datasheet HTML 30Page - STMicroelectronics UM1518 Datasheet HTML 31Page - STMicroelectronics UM1518 Datasheet HTML 32Page - STMicroelectronics UM1518 Datasheet HTML 33Page - STMicroelectronics UM1518 Datasheet HTML 34Page - STMicroelectronics UM1518 Datasheet HTML 35Page - STMicroelectronics UM1518 Datasheet HTML 36Page - STMicroelectronics UM1518 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
UM1518
Services
Doc ID 022791 Rev 2
33/37
Ping time[s] or Frame
numbers
Control
Occurrence number of Stop condition selection. The variable is
displayed in accordance with “Stop condition” value.
If Ping Time is set to 0, the Ping session continues until “Stop
Ping” button is pressed.
Reset MIB counters on
start
Control
Selection to erase MIB objects 06h (PHY Data) and 07h (DL
Data) before starting the Ping session.
Start and Stop buttons
Start Ping
Control
Button to start the Ping session
Stop Ping
Control
Button to force the Ping session before the Stop condition is
achieved.
Received frame features
Slave address
Indicator
Slave address field of the last received frame (i.e., first byte of
the DL_DataIndication or DL_SnifferIndication received by the
ST7580)
Data
Indicator Payload data (without Slave address field) of the received frame
Length
Indicator Length (in bytes) of the Payload data, calculated by the GUI
Modulation
Indicator Signal modulation of the received frame
PGA code
Indicator PGA value on the received frame
SNR value
Indicator SNR estimation (over UW reception) performed by ST7580
Frequency channel
Indicator RX channel (high or low) on the received frame
Ping session activity and results
Time count [s]
Indicator
Number of seconds elapsed during Ping session. Active if “Stop
condition” is equal to time only, hidden otherwise.
Received OK
Indicator
Number of received frames with correct CRC (i.e.
DL_DataIndication notified by the ST7580) and Slave address
field equal to the value set in “Slave Address” control.
These frames are re-transmitted, in accordance with Ping
session rules.
RX Wrong Address
Indicator
Number of received frames with correct CRC (i.e.
DL_DataIndication notified by the ST7580) and Slave address
field not equal to the value set in “Slave Address” control.
RX Wrong CRC
Indicator
Number of received frames with wrong CRC (i.e.
DL_SnifferIndication notified by the ST7580).
Frames sent
Indicator
Number of frames successfully transmitted by the Slave,
updated by the GUI during Ping session execution
Ping active
Indicator
LED displaying the Ping session activity:
-Green when Ping session is active;
-Red when Ping session is not active.
Table 4.
Ping session: Slave tab parameters (continued)
Parameter
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com