Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1518 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM1518
Description  ST7580 power line modem demonstration kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1518 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM1518 Datasheet HTML 20Page - STMicroelectronics UM1518 Datasheet HTML 21Page - STMicroelectronics UM1518 Datasheet HTML 22Page - STMicroelectronics UM1518 Datasheet HTML 23Page - STMicroelectronics UM1518 Datasheet HTML 24Page - STMicroelectronics UM1518 Datasheet HTML 25Page - STMicroelectronics UM1518 Datasheet HTML 26Page - STMicroelectronics UM1518 Datasheet HTML 27Page - STMicroelectronics UM1518 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Services
UM1518
24/37
Doc ID 022791 Rev 2
Figure 22.
Ping session: Master and Slave tabs
The Ping session can be logged in a .txt file, selecting the "Save Logs" switch located on the
right-top edge of both Master and Slave tab. The resulting file records the powerline activity
(both transmitted and received frames) of the node over the Ping session.
5.6.1
Ping protocol
The Ping session consists of an exchange of DL frames between the Master node and one
or more Slave nodes.
Master node
The Master node sends a powerline frame sequence with selectable electrical features:
●
Carrier frequency value (it is overwritten in the MIB object 01h - PHY configuration as
RX operating frequency);
●
Modulation type as in ordinary DL_DataRequest command;
●
TX Gain parameter (it is overwritten in the MIB object 01h - PHY configuration).
These electrical characteristics are equal to each transmitted frame in all frames sent by the
Master over Ping session.
The GUI tool adds specific subfields to the Payload field of the exchanged DL frames, as
shown in Figure 23, where the blue parts need to be specified by the user, while the green
one is automatically built by the GUI tool. The red blocks refer to the fields automatically
handled by the ST7580.
The Payload length selected by the user is limited to 244 bytes.
AM16521v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com