Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1518 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM1518
Description  ST7580 power line modem demonstration kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1518 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM1518 Datasheet HTML 26Page - STMicroelectronics UM1518 Datasheet HTML 27Page - STMicroelectronics UM1518 Datasheet HTML 28Page - STMicroelectronics UM1518 Datasheet HTML 29Page - STMicroelectronics UM1518 Datasheet HTML 30Page - STMicroelectronics UM1518 Datasheet HTML 31Page - STMicroelectronics UM1518 Datasheet HTML 32Page - STMicroelectronics UM1518 Datasheet HTML 33Page - STMicroelectronics UM1518 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Services
UM1518
30/37
Doc ID 022791 Rev 2
Table 3.
Ping session: Master tab parameters
Parameter
Type
Description
Electrical parameters of transmitting frames
Frame modulation
Control
Choice of modulation type for frames to be transmitted during Ping
session
TX frequency [Hz]
Control
Frequency value for frames to be transmitted during Ping session.
TX frequency set
(PHY configuration)
Control
Frequency value expressed in the box “TX Freq [Hz]” is written as
reception frequency in MIB object 01h (PHY configuration) in
accordance with the value (high or low) chosen by this switch. If a
combination of these two control values is not allowed, an error is
generated and Ping session doesn’t start.
TX Gain
Control
Selection of the TX Gain to be set for transmitting frames: it can be
used either the value stored in the MIB object 01h (“PHY Cfg”
selection for this switch) or a new one (“New” selection for this
switch) to be expressed in the value box which is overwritten in the
same MIB object.
Payload data
Type
Control
Selection for data composition of outgoing messages:
-”Fixed” is specified by the user in the box below
- “Random” is automatically generated by the GUI
Length value
Control or
indicator
Length [bytes] for the transmitting Payload
- automatically calculated by the GUI for Fixed Payload
- selected by the user for Random Payload
Random Payload
length
Control
Selection for Random Payload type only.
- “Fixed” sets the parameter “Length value” expressed in the left-
side box as fixed length for each transmitting frame;
- “Max” sets as the maximum length of each randomly generated
frame, whose length is not fixed;
Data
Control or
indicator
Data of Payload of outgoing powerline frame, displayed in
hexadecimal values only.
- filled in by the user in case of “Fixed” frame type selection and it
is a constant value for each transmitted frame;
-automatically displayed for “Random” frame type selection, its
value is different in each transmitting frame
Slave Destination
Address
Control
1- byte field (hexadecimal value) referring to the Slave Address
value. It is inserted by the GUI as the first byte of Payload field of
each DL_DataRequest built throughout the Ping session.
Number of frames
Indicator
1- byte field (hexadecimal value) automatically displayed by the
GUI. It displays the ordinal number of transmitted frame and it is
inserted by the GUI as second byte of Payload field of each
DL_DataRequest built throughout the Ping session.
Message settings
Total frames
Control
Number of powerline frames that the Ping session sends
throughout the Ping session



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com