Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN487 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN487
Description  INTRODUCTION TO A 10A MONOLITHIC SWITCHING
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN487 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN487 Datasheet HTML 4Page - STMicroelectronics AN487 Datasheet HTML 5Page - STMicroelectronics AN487 Datasheet HTML 6Page - STMicroelectronics AN487 Datasheet HTML 7Page - STMicroelectronics AN487 Datasheet HTML 8Page - STMicroelectronics AN487 Datasheet HTML 9Page - STMicroelectronics AN487 Datasheet HTML 10Page - STMicroelectronics AN487 Datasheet HTML 11Page - STMicroelectronics AN487 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AN487 APPLICATION NOTE
8/13
The compensation network introduces a low frequency pole and a zero that usually is put at the frequency
of the resonant pole of the output LC filter. The second high frequency pole is usually at a frequency of no
interest. If needed , more sophisticated compensation circuits can be used by feedback with the opamp.
An example is shown in fig.15.
Figure 15. One pole, two zero compensation network.
Such a configuration introduces a low frequency pole and two zeros Z1 = 1/2
ΠR1C1 and Z2 = 1/2ΠR2C2.
Note that due to the high output impedance it is present also a second pole p2 = gm/2PC1. Usually it is
better to use the highest possible value for R1, to have a low value for C1 in such a way to put p2 at the
highest frequency. Limitations to R1 value are put by offset voltage due to opamp. input bias currents.
If a resistive divider is used at the output of the power supply, for voltages higher than 5.1V, it is possible
to introduce a second zero with the network of fig.16.
Figure 16. Compensation network for output voltages higher than 51V.
Such a configuration introduce 2 zeros at:
;
and 2 poles at:
;
;
Z
1
1
2
ΠR
c Cc
-----------------------
=
Z
2
1
2
ΠR
1 C1
-----------------------
=
P
1
1
2
ΠR
o Cc
-----------------------
=
P
2
1
2
ΠR
x C1
-----------------------
=
Rx
R
1 R2
R
1
R
2
+
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com