Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN487 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN487
Description  INTRODUCTION TO A 10A MONOLITHIC SWITCHING
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN487 Datasheet(HTML) 3 Page - STMicroelectronics

  AN487 Datasheet HTML 1Page - STMicroelectronics AN487 Datasheet HTML 2Page - STMicroelectronics AN487 Datasheet HTML 3Page - STMicroelectronics AN487 Datasheet HTML 4Page - STMicroelectronics AN487 Datasheet HTML 5Page - STMicroelectronics AN487 Datasheet HTML 6Page - STMicroelectronics AN487 Datasheet HTML 7Page - STMicroelectronics AN487 Datasheet HTML 8Page - STMicroelectronics AN487 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
AN487 APPLICATION NOTE
OSCILLATOR and FEDFORWARD
The oscillator block (fig.4) generates the sawtooth waveform that sets the switching frequency of the sys-
tem. The signal, compared with the output voltage of the error amplifier, generates the PWM signal to be
sent to the power output stage. The oscillator features a voltage feed-forward technique which is com-
pletely integrated and doesn’t require any external component. Feed-forward function works in the supply
voltage range 15-45V. The rate of increase of the sawtooth wavw-form is directly proportional to the input
voltage Vcc. As Vcc increases, the output pulse-width (transistor on-time) decreases in such a manner as
to provide a constant "volt-second’ product to the inductance(fig.5).
Figure 4. Oscillator circuit
From fig.5 it is shown that the duty cycle changes due to the ramp increase when Vcc increases. The error
amplifier output doesn’t have to change to keep the loop in regulation. This feature increases significantly
the line regulation performance.
Figure 5. Voltage Feeforward waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com