Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN487 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN487
Description  INTRODUCTION TO A 10A MONOLITHIC SWITCHING
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN487 Datasheet(HTML) 1 Page - STMicroelectronics

  AN487 Datasheet HTML 1Page - STMicroelectronics AN487 Datasheet HTML 2Page - STMicroelectronics AN487 Datasheet HTML 3Page - STMicroelectronics AN487 Datasheet HTML 4Page - STMicroelectronics AN487 Datasheet HTML 5Page - STMicroelectronics AN487 Datasheet HTML 6Page - STMicroelectronics AN487 Datasheet HTML 7Page - STMicroelectronics AN487 Datasheet HTML 8Page - STMicroelectronics AN487 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
AN487
APPLICATION NOTE
November 2003
Switched mode techniques led to the development of high efficiency circuits offering space saving and a
reduction in costs, mainly of the heatsink and output LC filter. For these applications a new technology,
called MULTIPOWER-BCD, has been developed which allows the integration on the same chip of isolated
power DMOS elements, Bipolar transistors and CMOS logic.
The technology is particularly suitable for the problems rising in the switch mode field, due to the charac-
teristics of high efficiency, fast switching speed, no secondary breakdown of the power DMOS element.
The great flexibility that we have at our disposal for the choice of the signal and driving sections compo-
nents allows optimization and compactness of the system. With MULTIPOWER-BCD it has been possible
to implement the family L497X, a new series of fully integrated switching regulators suitable for DC-DC
converters working in Buck configuration. The complete family consists of five devices which differ each
other only by the output current value (2A, 3.5A, 5A, 7A, 10A) they can deliver to the load. The devices
rated at 2A and 3.5A are assembled in Power Dip (16+2+2), while the others are assembled in the
Multiwatt15 package. Each device integrates a DMOS output power stage, a control section, limiting cur-
rent and supervisor functions like Reset and Power Fail signal for microprocessors applications.
Output voltage can be adjusted starting from the internal reference voltage (5.1V) up to 40V, allowing a
maximum output power of 80W for the 2A version and of 400W for the 10A version. Maximum operating
supply voltage is 55V.
THE TECHNOLOGY
The technology architecture is based on the vertical DMOS silicon gate process that allows a channel
length of 1.5 micron ; using a junction isolation technique it has been possible to mix on the same chip
Bipolar and CMOS transistors along with the DMOS power components (Fig. 2). Figure 1 shows how this
process brings a rapid increase in power IC complexity compared to conventional bipolar technology.
Figure 1. BCD process and increase in power ICs complexity.
by C. Diazzi
INTRODUCTION TO A 10A MONOLITHIC SWITCHING
REGULATOR IN MULTIPOWER-BCD TECHNOLOGY
The L497X series of high current switching regulator ICs exploit Multipower-BCD technology to achieve
very high output currents with low power dissipation – up to 10A in the Multiwatt power package and
3.5A in a DIP package.


Similar Part No. - AN487

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
AN4870 DYNEX-AN4870 Datasheet
81Kb / 5P
Effects Of Temperature On Thyristor Performance
More results

Similar Description - AN487

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
Switching capacity up to 10A
logo
ON Semiconductor
AND8085 ONSEMI-AND8085 Datasheet
23Kb / 2P
An Introduction to FST
April, 2002 ??Rev. 0
logo
List of Unclassifed Man...
STM32-P407 ETC2-STM32-P407 Datasheet
2Mb / 33P
Introduction to the chapter
logo
STMicroelectronics
AN900 STMICROELECTRONICS-AN900 Datasheet
787Kb / 15P
INTRODUCTION TO SEMICONDUCTOR TECHNOLOGY
logo
Fairchild Semiconductor
AN-558 FAIRCHILD-AN-558 Datasheet
774Kb / 12P
Introduction to Power MOSFETS
logo
CIT Relay & Switch
J097 CIT-J097 Datasheet
125Kb / 2P
Switching capacity up to 10A
J100 CIT-J100 Datasheet
138Kb / 2P
Switching capacity up to 10A
J105D CIT-J105D Datasheet
133Kb / 3P
Switching capacity up to 10A
logo
SparkFun Electronics
BOK-11729 SPARKFUN-BOK-11729 Datasheet
115Kb / 2P
Python for Kids: A Playful Introduction to Programming
6??1??7
logo
Renesas Technology Corp
RZ_A RENESAS-RZ_A Datasheet
437Kb / 2P
RTOS-Based MPU Introduction to Renesas RZ/A Series
2022.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com