Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN487 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN487
Description  INTRODUCTION TO A 10A MONOLITHIC SWITCHING
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN487 Datasheet(HTML) 4 Page - STMicroelectronics

  AN487 Datasheet HTML 1Page - STMicroelectronics AN487 Datasheet HTML 2Page - STMicroelectronics AN487 Datasheet HTML 3Page - STMicroelectronics AN487 Datasheet HTML 4Page - STMicroelectronics AN487 Datasheet HTML 5Page - STMicroelectronics AN487 Datasheet HTML 6Page - STMicroelectronics AN487 Datasheet HTML 7Page - STMicroelectronics AN487 Datasheet HTML 8Page - STMicroelectronics AN487 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AN487 APPLICATION NOTE
4/13
A resistor, between Rosc and GND , defines a current that is mirrored internally to charge the oscillator
capacitor on the Cosc pin. The voltage at pin.Rosc is a function of Vcc value for the implementation of the
feed-forward function (oscillator slope proportional to Vcc). A comparator is sensing the voltage across
Cosc capacitor and dis-carge it when the ramp exceedes an upper threshold proportional to Vcc for the
implementation of the feed-forward function. The Cosc discharge current is internally controlled at a value
of about 20 mA. The lower threshold of the comparator is about 1.3V (2VBE). Here are reported basic
equations for the oscillator:
for 15V
≤ VCC ≤ 45V
(1)
IDISCH @ 20mA
(2)
for 15V
≤ VCC ≤ 45V
(3)
VTH. LOW = 2VBE
(4)
(5)
Note that formula (5) does not take in account the discharge time of COSC, that is not negletable working
at high FSWITCH (200 KHz), and that is dependent on COSC value.
(6)
By which :
(7)
During the discharge time of Cosc a clock pulse is generated that is available on pin.SYNC and that can
be used to synchronize max 3 devices of the same family. See also fig. 6 and fig. 7 for the switching fre-
quency versus value of R4 (Rosc).
PWM
The comparison between oscillator sawtooth and error amplifier output generates the PWM signal that
feeds the driving stages. A PWM latch structure is implemented to avoid multiple pulses that could be dan-
gerous for the power stage. A maximum duty cycle limitation is implemented in the PWM stage. Such
limitation is obtained by the synchronization pulse generated in the oscillator section during the Cosc dis-
charge time. When the pulse is present the driver is inhibited. In this way even if the error amplifier output
completely overcomes the oscillator sawtooth, the power stage can not work in DC conditions, but is
switched off during the clock pulse allowing a maximum duty cycle tipically in the range 90 - 95 % .
SOFT START
Soft start (see fig.8) is an essential function for correct start-up and to obtain a monotonically increasing
output voltage, without overstressing the output power stage. Soft start operates at the start-up of the sys-
tem and after the intervention of thermal protection. The function is realized through a capacitor connected
to soft start pin, which is charged at constant current(about 100uA) up to a value of about 7V.
During the charging time , through PNP transistor Q1 the voltage at the output of the transconduc-tance
amplifier is forced to increase with the same rising speed of Css capacitor. As the capacitor is charged,
I
CHARGE
V
CC
9V
BE
R
OSC
--------------------------------
=
V
TH .HIGH
V
CC
9V
BE
9
--------------------------------
2V
BE
+
=
F
SW ITC H
9
R
OSC COSC
--------------------------------
T
DISCH
V
TH .HIGH
V
TH .LOW
() C
os c
20m A
-----------------------------------------------------------------------------
=
1
R
osc Cos c
9
--------------------------
T
DISCH
+
-----------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com