Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN487 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN487
Description  INTRODUCTION TO A 10A MONOLITHIC SWITCHING
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN487 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN487 Datasheet HTML 5Page - STMicroelectronics AN487 Datasheet HTML 6Page - STMicroelectronics AN487 Datasheet HTML 7Page - STMicroelectronics AN487 Datasheet HTML 8Page - STMicroelectronics AN487 Datasheet HTML 9Page - STMicroelectronics AN487 Datasheet HTML 10Page - STMicroelectronics AN487 Datasheet HTML 11Page - STMicroelectronics AN487 Datasheet HTML 12Page - STMicroelectronics AN487 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics.
All other names are the property of their respective owners
© 2003 STMicroelectronics - All rights reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States
www.st.com
13/13
AN487 APPLICATION NOTE
Table 1.
THERMAL PROTECTION
The thermal protection function operates when the junction temperature reaches 150°C; it acts directly on
the power soft start capacitor, discharging it. The thermal protection is provided with hysteresis and there-
fore, after an intervention has occurred, it is necessary to wait for the junction temperature to decrease of
about 30°C below the intervention threshold.
Figure 26. Gate-charge curve for the power DMOS.
BVDSS > 60V
at ID = 1mA
VGS = 0V
RDS(ON) = 100mΩ
at ID = 10A
Tj = 25°C
VGS = 10V
RDS(ON) = 150mΩ
at ID = 10A
Tj = 150°C
VGS = 10V
VTH = 3V
at ID = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com