Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN487 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN487
Description  INTRODUCTION TO A 10A MONOLITHIC SWITCHING
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN487 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN487 Datasheet HTML 5Page - STMicroelectronics AN487 Datasheet HTML 6Page - STMicroelectronics AN487 Datasheet HTML 7Page - STMicroelectronics AN487 Datasheet HTML 8Page - STMicroelectronics AN487 Datasheet HTML 9Page - STMicroelectronics AN487 Datasheet HTML 10Page - STMicroelectronics AN487 Datasheet HTML 11Page - STMicroelectronics AN487 Datasheet HTML 12Page - STMicroelectronics AN487 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AN487 APPLICATION NOTE
10/13
Figure 20. Bode plot of the regulation loop with the compensation network of fig. 19.
The criterium is to define Z1, Z2 close to the resonant pole of the output LC filter. The Gm/2PC1 pole must
be placed at a frequency at which open loop gain is below 0 dB axis (Fig. 20).
CURRENT LIMITATION
Current limitation is implemented intrnally to the chip and doesn’t need any external component.
The output current is sensed by an internal resistor in series with the drain of the power transistor. On chip
trimming guarantees +10% accuracy on the value of peak current limitation.
Current limit protection works pulse by pulse with lowering of tnhe switching frequency. Fig.21 shows cir-
cuital implementation of current protection.
Figure 21. Current protection circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com