Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN487 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN487
Description  INTRODUCTION TO A 10A MONOLITHIC SWITCHING
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN487 Datasheet(HTML) 2 Page - STMicroelectronics

  AN487 Datasheet HTML 1Page - STMicroelectronics AN487 Datasheet HTML 2Page - STMicroelectronics AN487 Datasheet HTML 3Page - STMicroelectronics AN487 Datasheet HTML 4Page - STMicroelectronics AN487 Datasheet HTML 5Page - STMicroelectronics AN487 Datasheet HTML 6Page - STMicroelectronics AN487 Datasheet HTML 7Page - STMicroelectronics AN487 Datasheet HTML 8Page - STMicroelectronics AN487 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AN487 APPLICATION NOTE
2/13
Figure 2. Cross section of the BDC mixed technology.
In the 70’s class B circuits and DC circuits allowed output power in the range of 70W. By 1980 ,with the
introduction of switching techniques in power ICs, output powers up to 200W were reached; with BCD
technology the output power increased up to 400W.
FUNCTIONS AND BLOCK DIAGRAM
The complete block diagram of the high power L4970A is shown in fig.3. Each block is analysed in the
following.
Figure 3. Block diagram of the 10A monolithic regulator L4970A.
POWER SUPPLY
The device is provided with an internal stabilized power supply ( Vstart =12V ), that provides the supply
voltage to the analog and digital control blocks and also the supply voltage to the bootstrap section. The
Vstart voltage supplies also the internal Reference Voltage section that provides accurate 5.1V voltage to
the control loop. Through trimming techniques the 5.1V reference is within +- 2% limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com