Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN487 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN487
Description  INTRODUCTION TO A 10A MONOLITHIC SWITCHING
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN487 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN487 Datasheet HTML 5Page - STMicroelectronics AN487 Datasheet HTML 6Page - STMicroelectronics AN487 Datasheet HTML 7Page - STMicroelectronics AN487 Datasheet HTML 8Page - STMicroelectronics AN487 Datasheet HTML 9Page - STMicroelectronics AN487 Datasheet HTML 10Page - STMicroelectronics AN487 Datasheet HTML 11Page - STMicroelectronics AN487 Datasheet HTML 12Page - STMicroelectronics AN487 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AN487 APPLICATION NOTE
12/13
Figure 24. Reset and power fail waveforms.
THE POWER STAGE
A simplified schematic of the output stage along with the external filter components is shown in fig.25.
Power stage and associated driving circuits are among the most critical components to achieve good per-
formances at high switching frequency. An external bootstrap capacitance, charged via diode D1 at 12V,
is needed to provide the correct gate drive to the power DMOS N-channel transistor. The driving circuit is
able to deliver a current peak of 0.5A, during turn on and turn off phases, to the gate of power DMOS tran-
sistor. The circuit-described shows commutation times of 50ns.
Figure 25. Power stage circuit.
The five devices of L497X family differentiate each other only for the level of current protection, while the
control part is the same and power device area is the same to guarantee low power dissipation also for
low current versions in DIP package.
Table 1 and fig. 26 shows electrical characteristics of the power DMOS implemented in the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com