Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN937 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN937
Description  The L4971 is a 1.5 A monolithic dc-dc converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN937 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN937 Datasheet HTML 8Page - STMicroelectronics AN937 Datasheet HTML 9Page - STMicroelectronics AN937 Datasheet HTML 10Page - STMicroelectronics AN937 Datasheet HTML 11Page - STMicroelectronics AN937 Datasheet HTML 12Page - STMicroelectronics AN937 Datasheet HTML 13Page - STMicroelectronics AN937 Datasheet HTML 14Page - STMicroelectronics AN937 Datasheet HTML 15Page - STMicroelectronics AN937 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Power supply, UVLO and voltage reference
AN937
12/29
Doc ID 5655 Rev 15
Figure 16.
Start up sequence
Turning Vcc off, the soft-start capacitor is discharged with a constant 10
μA (S2 closed, S3
closed, S1 and S4 open), from the moment when Vcc is crossing the UVLO off threshold.
The final discharge value is 1.2 V. In case of the Css is discharged using an external
grounded element when the voltage at Css reaches the threshold of 1.3 V Comp2 resets the
flip flop, S1 is closed, S2 is opened and the 40 mA current generator is activated.
The external switch, sinking some mA, discharges the soft-start under the 1.2 V Comp1
threshold, opening S3 and closing S4. At this point the device is in disable, sourcing only 5
μA through pin 2. When the external grounding element is removed, the device restarts
charging the soft start capacitance, initially, with 5
μA till the voltage reaches the 1.8 V
threshold and Comp1 connects the 40
μA charging current generator. In case of thermal
shutdown or overcurrent protection intervention the power is turned off and the flip flop turns
off S2 and turns on S1. The soft-start is discharged till the voltage reaches the 1.3 V
threshold, and Comp2 resets the flip flop. S1 is closed, S2 is opened and the soft-start
capacitance is charged again.
Figure 15 shows the systems signals during Inhibit, overcurrent and Vcc turn off.
t1 and t2 can be calculated by the following equations:
VCC
t
VSS/INH
1.8V
t
PWM
t
VO
t
D97IN812
UVLO
ON
t1
t2
IC
t1
0.36 Css;
⋅
=
t2
V
O
Ich 6 D
max
⋅⋅
----------------------------------- C
ss
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com