Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN937 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN937
Description  The L4971 is a 1.5 A monolithic dc-dc converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN937 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN937 Datasheet HTML 9Page - STMicroelectronics AN937 Datasheet HTML 10Page - STMicroelectronics AN937 Datasheet HTML 11Page - STMicroelectronics AN937 Datasheet HTML 12Page - STMicroelectronics AN937 Datasheet HTML 13Page - STMicroelectronics AN937 Datasheet HTML 14Page - STMicroelectronics AN937 Datasheet HTML 15Page - STMicroelectronics AN937 Datasheet HTML 16Page - STMicroelectronics AN937 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AN937
Power supply, UVLO and voltage reference
Doc ID 5655 Rev 15
13/29
where Dmax is 0.95, Css is in
μF and Ich is in μA. Soft-start time (t2) versus output voltage
and Css is shown in Figure 17.
Thanks to the voltage feed forward, the start-up time (t2) is not affected by the input voltage.
Figure 18 shows the output voltage start-up using different soft-start capacitance values:
It is mandatory a minimum capacitor value of 22 nF. The pin 2 cannot be left open.
Figure 17.
Soft-start time (t2) vs Vo and Css
Figure 18.
Output rising voltage with Css 56 nF, 100 nF, 22 0nF
0
3
6
9
12 15 18 21 24
VO(V)
0
10
20
30
40
50
60
70
tss
(ms)
1
μF
470nF
330nF
220nF
100nF
D97IN687



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com