Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN937 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN937
Description  The L4971 is a 1.5 A monolithic dc-dc converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN937 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN937 Datasheet HTML 19Page - STMicroelectronics AN937 Datasheet HTML 20Page - STMicroelectronics AN937 Datasheet HTML 21Page - STMicroelectronics AN937 Datasheet HTML 22Page - STMicroelectronics AN937 Datasheet HTML 23Page - STMicroelectronics AN937 Datasheet HTML 24Page - STMicroelectronics AN937 Datasheet HTML 25Page - STMicroelectronics AN937 Datasheet HTML 26Page - STMicroelectronics AN937 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AN937
Typical application
Doc ID 5655 Rev 15
23/29
3.7
Error amplifier and compensation blocks
The open loop gain is:
where Cout is the parallel between the output and the external capacitance of the Error
Amplifier and Ro the E/A output impedance. Rc and Cc are the compensation values.
3.8
LC filter
3.9
PWM gain
where Vct is the peak to peak sawtooth oscillator.
3.10
Voltage divider and leading network
Poles and zeros value are:
As
()
gm
R
O
1s R
c
C
c
⋅⋅
+
()
⋅
s
2
R
o
C
o
R
c
C
c
sR
o
C
c
R
o
C
o
R
c
C
c
⋅
+
⋅
+
⋅
() 1
+
⋅
+
⋅⋅⋅
⋅
----------------------------------------------------------------------------------------------------------------------------------------------------
⋅
=
A
os
()
1R
esr
C
out
s
⋅⋅
+
LC
out
s
2
R
esr
s1
+
⋅
+
⋅⋅
-----------------------------------------------------------------
=
V
CC
V
ct
-----------
V
CC
6
⋅
V
CC
1
–
--------------------
6
≈
=
A
os
()
R
3
R
2
R
3
+
--------------------
1R
2
C
9
⋅
+
1s
R
2
R
3
⋅
R
2
R
3
+
-------------------- C
9
⋅⋅
+
-------------------------------------------------
⋅
=
F
o
1
2
πR
esr
C
out
⋅
⋅
---------------------------------------
1
2
π 0.130 150 10
6
–
⋅⋅
⋅
⋅
-------------------------------------------------------------
8.2KHz
==
=
F
p
1
2
π
LC
out
⋅
⋅⋅
---------------------------------------
1
2
π
120 10
6
–
150 10
6
–
⋅⋅
⋅
⋅⋅
-----------------------------------------------------------------------------
1.2kHz
==
=
F
ocomp
1
2
π R
c
C
c
⋅⋅
⋅
---------------------------------
1
2
π 15 10
3
22 10
9
–
⋅⋅
⋅
⋅
⋅
----------------------------------------------------------------
492Hz
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com