Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN937 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN937
Description  The L4971 is a 1.5 A monolithic dc-dc converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN937 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN937 Datasheet HTML 18Page - STMicroelectronics AN937 Datasheet HTML 19Page - STMicroelectronics AN937 Datasheet HTML 20Page - STMicroelectronics AN937 Datasheet HTML 21Page - STMicroelectronics AN937 Datasheet HTML 22Page - STMicroelectronics AN937 Datasheet HTML 23Page - STMicroelectronics AN937 Datasheet HTML 24Page - STMicroelectronics AN937 Datasheet HTML 25Page - STMicroelectronics AN937 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Typical application
AN937
22/29
Doc ID 5655 Rev 15
3.6
Compensation network
The complete control loop block diagram is shown in Figure 29. The error amplifier basic
characteristics are:
gm = 2.5mS
Ro = 1.2M
Ω
Avo = 60dB
Isource/sink = 300
μA
Figure 27.
Output drop (%) vs minimum input voltage
Figure 28.
Block diagram compensation loop
10
15
20
25
30
35
40
45
0
0.5
1
1.5
2
2.5
3
3.5
Cout = 1 x 150uF
Cout = 2 x 150uF
Cout = 3 x 150uF
Vin
A(s)
Vc/Vct
LC
α
+-
VREF
D97IN697
VO
Cout
Resr
D97IN700
L
Ro
gm
Cc
Rc
Co
D97IN698
Avo=gm·Ro



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com