Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN937 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN937
Description  The L4971 is a 1.5 A monolithic dc-dc converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN937 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN937 Datasheet HTML 17Page - STMicroelectronics AN937 Datasheet HTML 18Page - STMicroelectronics AN937 Datasheet HTML 19Page - STMicroelectronics AN937 Datasheet HTML 20Page - STMicroelectronics AN937 Datasheet HTML 21Page - STMicroelectronics AN937 Datasheet HTML 22Page - STMicroelectronics AN937 Datasheet HTML 23Page - STMicroelectronics AN937 Datasheet HTML 24Page - STMicroelectronics AN937 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AN937
Typical application
Doc ID 5655 Rev 15
21/29
3.5
Output capacitors
The output capacitors selection, Co, is mainly driven by the output ripple voltage that has to
be guaranteed, in this case 1% max. of Vo.
The output ripple is defined by the ESR of Co and by the ripple current flowing through it.
The output capacitance is of 150
μF/35 V KY (Nippon Chemi-con), having an ESR of 150
m
Ω at 20 °C. The ideal ripple voltage over the input voltage range is shown in Figure 26.
Figure 26.
Ideal ripple voltage as a function of input and output voltage (fSW=200
kHz)
Co has also to support load transients. An idea of the magnitude of the output voltage drop
during load transients is given below:
Equation 2
where
ΔI
o is the load current change, from 0.5 A to 1.5 A, Dmax is the max. duty cycle, 95%,
Vo nominal is 5.1 V, and finally L is 68
μH.
Equation 2, normalized at Vo, is represented in the following diagram, Fig. 27, as a function
of the minimum input voltage.
These curves are represented for different output capacitor 2x150
μF, 2x220 μF, 2x330 μF
all KY, 35 V.
10
15
20
25
30
35
40
45
10
18
26
34
42
50
58
66
74
82
90
Vout = 1.5V
Vout = 2.5V
Vout = 3.3V
Vout = 5V
Vout = 12V
51 mV
Vin
ΔV
O
ΔI
O
()
2
L
O
2C
O
V
inmin
D
max
V
O
()
⋅⋅
--------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com