Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN937 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN937
Description  The L4971 is a 1.5 A monolithic dc-dc converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN937 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN937 Datasheet HTML 20Page - STMicroelectronics AN937 Datasheet HTML 21Page - STMicroelectronics AN937 Datasheet HTML 22Page - STMicroelectronics AN937 Datasheet HTML 23Page - STMicroelectronics AN937 Datasheet HTML 24Page - STMicroelectronics AN937 Datasheet HTML 25Page - STMicroelectronics AN937 Datasheet HTML 26Page - STMicroelectronics AN937 Datasheet HTML 27Page - STMicroelectronics AN937 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Typical application
AN937
24/29
Doc ID 5655 Rev 15
Using a compensation network with R4= 15 k
Ω, C4 = 22 nF and C5 = 82 pF, the gain and
Phase Bode plots are shown in Fig. 31-32. The cut-off frequency and the phase margin are:
VOUT = 3.3V
Fc = 36KHz
Phase margin = 62°
VOUT = 5V
Fc = 34KHz
Phase margin = 70°
VOUT = 12V
Fc = 18KHz
Phase margin = 92°
VOUT = 15V
Fc = 14KHz
Phase margin = 88°
VOUT = 18V
Fc = 11KHz
Phase margin = 83°
VOUT = 24V
Fc = 8.6KHz
Phase margin = 74°
Figure 29.
Gain Bode plot open loop
F
p1
1
2
π R
o
C
c
⋅⋅
⋅
----------------------------------
1
2
π 1.2 10
6
22 10
9
–
⋅⋅
⋅
⋅
⋅
-----------------------------------------------------------------
6.029Hz
==
=
F
p2
1
2
π R
c
C
o
⋅⋅
⋅
----------------------------------
1
2
π 15 10
3
82 10
12
–
⋅⋅
⋅
⋅
⋅
------------------------------------------------------------------
125KHz
==
=
F
oLN
1
2
π R
2
C
9
⋅⋅
⋅
----------------------------------
1
2
π 2.7 10
3
4.7 10
9
–
⋅⋅
⋅
⋅
⋅
-------------------------------------------------------------------
12KHz
==
=
F
pLN
1
2
π
R
2
R
3
⋅
R
2
R
3
+
-------------------- C
9
⋅⋅
⋅
------------------------------------------------
1
2
π 1.75 10
3
4.7 10
9
–
⋅⋅
⋅
⋅
⋅
----------------------------------------------------------------------
19KHz
==
=
0.1
1
10
100
1 .10
3
1 .10
4
1 .10
5
1 .10
6
20
9
2
13
24
35
46
57
68
79
90
Vout=3.3V
Vout=5V
Vout=12V
Vout=15V
Vout=18V
Vout=24V
0 dB
Frequency [Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com