Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN937 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN937
Description  The L4971 is a 1.5 A monolithic dc-dc converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN937 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN937 Datasheet HTML 15Page - STMicroelectronics AN937 Datasheet HTML 16Page - STMicroelectronics AN937 Datasheet HTML 17Page - STMicroelectronics AN937 Datasheet HTML 18Page - STMicroelectronics AN937 Datasheet HTML 19Page - STMicroelectronics AN937 Datasheet HTML 20Page - STMicroelectronics AN937 Datasheet HTML 21Page - STMicroelectronics AN937 Datasheet HTML 22Page - STMicroelectronics AN937 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AN937
Typical application
Doc ID 5655 Rev 15
19/29
Figure 23.
Input capacitance rms current vs. duty cycle
3.3
Output voltage selection
An external voltage divider is required to set the regulated output voltage: I
where VREF is 3.3 V
3.4
Inductor selection
The criteria used in fixing the inductor value has been dictated by the wanted output ripple
voltage, 51mV max., performance obtained of course in combination with output capacitors
too.
The inductor ripple current, fixed at 30% of Iomax, i.e., 0.45 A, requires an inductor value of:
Equation 1
It is possible to plot as a function of Vo and Vccmax at 150 kHz and 200 kHz (see Figure 24
and Figure 25)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
D
0
0.25
0.5
0.75
IRMS
D97IN801
IO=1.5A
IO=1.2A
IO=1A
IO=0.5A
IO=0.2A
V
o
V
REF
1
R2
R3
--------
+
⎝⎠
⎛⎞
⋅
=
L
O
V
O
1D
min
–
()
ΔI
L
f
sw
⋅
---------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com