Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN937 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN937
Description  The L4971 is a 1.5 A monolithic dc-dc converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN937 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN937 Datasheet HTML 13Page - STMicroelectronics AN937 Datasheet HTML 14Page - STMicroelectronics AN937 Datasheet HTML 15Page - STMicroelectronics AN937 Datasheet HTML 16Page - STMicroelectronics AN937 Datasheet HTML 17Page - STMicroelectronics AN937 Datasheet HTML 18Page - STMicroelectronics AN937 Datasheet HTML 19Page - STMicroelectronics AN937 Datasheet HTML 20Page - STMicroelectronics AN937 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AN937
Typical application
Doc ID 5655 Rev 15
17/29
3
Typical application
Figure 22 shows the typical application circuit, where the input supply voltage, Vcc, can
range from 8 to 55 V operating, and the output voltage adjustable from 3.3 V to 40 V.
The selected components, and in particular input and output capacitors, are able to sustain
the device voltage ratings, and the corresponding RMS currents.
3.1
Electrical specification
●
Input voltage range: 8 V - 55 V
●
Output voltage: 5.1 V ±3% (Line, load and thermal)
●
Output ripple: 51 mV
●
Output current range: 1 mA - 1.5 A
●
Max output ripple current: 30% Iomax
●
Max output current: 1.5 A
●
Switching frequency: 200 kHz
Figure 21.
Application circuit
3.2
Input capacitor
The input capacitor has to be able to support the max input operating voltage of the device
and the max rms input current. The input current is squared and the quality of these
capacitors has to be very high to minimize its power dissipation generated by the internal
ESR, improving the system reliability. Moreover, input capacitors are also affecting the
system efficiency.
The max Irms current flowing through the input capacitors is:
100V
INH
INH
C11
100n
C11
100n
R5
R5
C9
4.7n
C9
4.7n
C10
150uF
C10
150uF
GND
GND
OSC
3
OUT
4
VFB
8
SS/INH
2
U1
L4971 DIP 8
U1
L4971 DIP 8
C8
C8
L1
120uH (CC MSS1260-124KLD)
L1
120uH (CC MSS1260-124KLD)
C6
220n
C6
220n
63V
C2
220n
C2
220n
R2
2.7k
R2
2.7k
C4
22n
C4
22n
C3
2.2n
C3
2.2n
GND
GND
R3
4.99k
R3
4.99k
R1
12k
R1
12k
C5
82p
C5
82p
R4
15k
R4
15k
VOUT
VOUT
VIN
VIN
C7
100n
C7
100n
C1
180u 63v
C1
180u 63v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com