Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1049 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1049
Description  MINIMIZE POWER LOSSES OF LIGHTLY LOADED FLYBACK
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1049 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1049 Datasheet HTML 8Page - STMicroelectronics AN1049 Datasheet HTML 9Page - STMicroelectronics AN1049 Datasheet HTML 10Page - STMicroelectronics AN1049 Datasheet HTML 11Page - STMicroelectronics AN1049 Datasheet HTML 12Page - STMicroelectronics AN1049 Datasheet HTML 13Page - STMicroelectronics AN1049 Datasheet HTML 14Page - STMicroelectronics AN1049 Datasheet HTML 15Page - STMicroelectronics AN1049 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Unlike the two prior contributions, gate drive losses are not wasted inside the MOSFET (except
for a very small amount), but in the output stage of the L5991 and on the series gate resistor. The
current IGD is seen as an additional current consumption that is added to the quiescent current of the
L5991 (see equation 25).
The appendix "Light load losses evaluation" helps estimate the above mentioned contributions.
When selecting the MOSFET, the parameters to look at are the voltage rating V(BR)DSS, the on-state re-
sistance RDS(on), (this only as to full load considerations), the total gate charge Qg and the parasitic ca-
pacitances Ciss, Crss and Coss.
The RDS(on) should be "just what needed": low enough to reduce resistive losses at full load but not too
low since Qg, Ciss, Crss and Coss build up as RDS(on) decreases. It must not sound surprising to give up
some efficiency points at high load in favor of an improvement at light load if that is worth it.
The voltage rating of the device should be the lowest possible. In fact, for a given RDS(on), the lower the
V(BR)DSS is, the lower the total gate charge Qg and the parasitic capacitance. A 110 V application should
use a 400V device, a 220V or wide-range application a 600V device. The transformer plays a significant
role as to this point (see "Transformer").
VAC1
t
VDS
TFW
TOFF
T
TON
TDEAD
VAC2
VR
VR
TRES
Figure 9. Drain voltage waveform (DCM operation)
Ippk
VDS
0.9 Ippk
0.1 Ippk
Tf
Vin + VR
Vspike
Figure 10. Current and Voltage waveform at MOSFET turn-off.
AN1049 APPLICATION NOTE
12/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com