Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1049 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1049
Description  MINIMIZE POWER LOSSES OF LIGHTLY LOADED FLYBACK
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1049 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1049 Datasheet HTML 10Page - STMicroelectronics AN1049 Datasheet HTML 11Page - STMicroelectronics AN1049 Datasheet HTML 12Page - STMicroelectronics AN1049 Datasheet HTML 13Page - STMicroelectronics AN1049 Datasheet HTML 14Page - STMicroelectronics AN1049 Datasheet HTML 15Page - STMicroelectronics AN1049 Datasheet HTML 16Page - STMicroelectronics AN1049 Datasheet HTML 17Page - STMicroelectronics AN1049 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
to minimise leakage inductance.
Also core and coil former geometry play an important role. To achieve good coupling, windings must
be long and thin, and set out in concentric fashion. Therefore geometries with short and thick win-
dows (such as RM, PQ or pot cores) should be avoided while ETD, EFD, EC and the majority of E
cores are good. Furthermore, it is not recommended to use split coil formers, where windings are ar-
ranged side by side.
b) make the primary intrawinding capacitance as low as possible. This is the major component of the
CDext capacitance earlier mentioned (see "MOSFET"). Besides contributing to MOSFET’s power
losses, it causes ringing and noise problems that may force the use of additional damping networks
to comply with EMC requirements.
To achieve a low capacitance, always wind first the primary winding and, in particular, the half whose
end is to be connected to the drain of the MOSFET. In this way the second half primary has a shield-
ing effect that reduces the capacitive coupling. In case of multiple layer windings, which exhibit higher
capacitance, it is useful to embed one layer of isolation in between. This, however, tends to increase
leakage inductance and therefore should be done with care. Split coil formers are effective to this end
but, as mentioned earlier, degrade leakage inductance and then should be avoided.
c) make the reflected voltage low. As a rule of thumb, it should be below 60V in 110 VAC applications
and less than 100V in 220 VAC or wide-range mains applications. This will reduce the voltage on the
drain of the MOSFET during its OFF-time and the losses on the resistor of the clamp network (if an
RCD type is used, see "Clamp network"). Besides, a lower reflected voltage often leads to a primary-
to-secondary turns ratio closer to 1:1. A positive side effect of that is a better magnetic coupling be-
tween windings, which, in turn, helps reduce leakage inductance. On the other hand, consider that a
lower reflected voltage involves higher primary peak currents at heavy load.
Clamp network.
Typically, the voltage spike due to transformer’s leakage inductance is limited by an RCD clamp (see fig.
12a). Its action should be very light so as to have a spike as large as possible, consistently with the need
of never exceeding the voltage rating of the MOSFET. This will optimize energy transfer from primary to
secondary. A low leakage inductance of the transformer is, of course, extremely helpful.
RCD clamps dissipate power even under no-load conditions: there is always the reflected voltage across
the clamp resistor (R). To reduce clamp losses to a negligible level at light load, the use of a zener
clamp (see fig. 12b) is recommended whenever possible. Such a circuit gives also a well defined clamp-
ing level but, on the other hand, dissipates more power at full load. Its use is therefore limited to low
power applications.
An alternative to these solutions can be the use of a non-dissipative clamp like the LCD one shown in
fig. 12c, which helps also reduce turn-off losses in the MOSFET. This circuit recovers the majority of the
leakage inductance energy by transferring it back onto the input voltage rail through C and D2. There is
just a little power dissipation on the two diodes and the inductor. However, there is a slight increase of
the conduction losses in the MOSFET at heavy load and, besides, the circuit is quite expensive and not
easy to optimise.
R
C
D
RCD CLAMP
D
ZENER
CLAMP
DZ
D1
LCD CLAMP
D2
L
C
a)
b)
b)
Figure 12. Possible clamp circuit topologies.
AN1049 APPLICATION NOTE
14/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com