Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1049 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN1049
Description  MINIMIZE POWER LOSSES OF LIGHTLY LOADED FLYBACK
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1049 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN1049 Datasheet HTML 14Page - STMicroelectronics AN1049 Datasheet HTML 15Page - STMicroelectronics AN1049 Datasheet HTML 16Page - STMicroelectronics AN1049 Datasheet HTML 17Page - STMicroelectronics AN1049 Datasheet HTML 18Page - STMicroelectronics AN1049 Datasheet HTML 19Page - STMicroelectronics AN1049 Datasheet HTML 20Page - STMicroelectronics AN1049 Datasheet HTML 21Page - STMicroelectronics AN1049 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
When the switch turns off, the primary circuit is open and the energy stored in the primary is transferred
to the secondary by magnetic coupling. The catch diode is forward-biased, and the energy is delivered
to the output capacitor and to the load (recirculation). The output voltage is reflected back to the primary
through the turns ratio and adds up to the input voltage (typically, the filtered rectified mains), giving ori-
gin to a much higher voltage on the drain of the MOSFET.
Flyback topology is operating in DCM (Discontinuous Conduction Mode) when the input -or primary -
current starts from zero at the beginning of a given switching cycle. This happens because the secon-
dary of the transformer has discharged all the energy stored in the previous period. If this energy trans-
fer is not complete, then the primary current will start from a value greater than zero at the beginning of
each cycle. Then the flyback is said to be operating in CCM (Continuous Conduction Mode). DCM is
characterized by currents shaped in a triangular fashion, whereas CCM features trapezoidal currents
(see fig. A1).
The boundary between these two types of operation depends on several parameters. Some of them are
structural, that is parameters that identify the flyback converter: inductance of the primary of the trans-
former, transformer turns ratio and regulated output voltage. Others are related to the external world and
are subject to changes: input voltage and output load. The switching frequency is usually a structural pa-
rameter, unless it is synchronized to an external signal.
As to flyback topology operating in DCM, the relationship between the peak input current (Ippk) and the
input power (Pin) is:
Ippk(DCM) =
√
2
⋅ Pin
Lp
⋅ fsw
(A1).
where Lp is the inductance of the primary of the transformer and fsw the switching frequency.
The point is: in a given flyback, when operating in DCM, the peak input current depends solely on the
power drawn from the input.
The conduction time (TON, during which the MOSFET is ON) and the recirculation time (TFW, during
which the MOSFET is OFF and the catch diode is conducting) are respectively:
TON
=
Lp
⋅ Ippk(DCM)
Vin
; TFW
= Lp ⋅
Ippk(DCM)
n
⋅ (Vout + VF)
(A2)
where Vin is the DC input voltage and n the primary-to-secondary turns ratio, Vout the regulated output
voltage and VF the forward drop across the catch diode.
The quantity n
• (Vout + VF) is the voltage reflected back to the primary during the recirculation at the
secondary. In the following will be indicated with VR:
VR = n
⋅ (Vout + VF)
(A3).
Under the assumption of DCM, the sum of TON and TFW is less than the switching period T=1 / fsw. The
transition between DCM and CCM implies:
TON + TFW = T
(A4)
and, by combining equations (A1), (A2), (A3) in (A4), it is possible to determine the "Transition Power"
(PinT), that is the maximum input power at which a given flyback works in DCM (or rather the minimum
input power at which it works in CCM) for a given input voltage (and a given switching frequency, if this
can vary):
PinT
=
1
2
⋅ fsw ⋅ Lp
⋅ 
Vin
1
+
Vin
VR
2
(A5);
AN1049 APPLICATION NOTE
18/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com