Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1049 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN1049
Description  MINIMIZE POWER LOSSES OF LIGHTLY LOADED FLYBACK
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1049 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN1049 Datasheet HTML 13Page - STMicroelectronics AN1049 Datasheet HTML 14Page - STMicroelectronics AN1049 Datasheet HTML 15Page - STMicroelectronics AN1049 Datasheet HTML 16Page - STMicroelectronics AN1049 Datasheet HTML 17Page - STMicroelectronics AN1049 Datasheet HTML 18Page - STMicroelectronics AN1049 Datasheet HTML 19Page - STMicroelectronics AN1049 Datasheet HTML 20Page - STMicroelectronics AN1049 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
The target was to draw from the line less than 2W over the entire input voltage range with the 28V and
12V outputs unloaded and with the minimum load (0.55 W) on the 5V section. The results of the evalu-
ation are summarized in table 5.
Table 5. 40W Power Supply for inkjet printer. Standby consumption.
Mains Voltage
85Vac
110Vac
160Vac
220Vac
265Vac
Input Power
0.93W
0.97W
1.13W
1.34W
1.87W
Input Power (*)
0.90W
0.93W
1.03W
1.14W
1.57W
Output Power
0.55W
(*) By using start-up circuit of fig. 7c.
APPENDIX
Flyback Basics
Flyback’s operation takes place in a two-step process. During the ON time of the switch, energy is taken
from the input and stored in the primary of the flyback transformer (actually, two coupled inductors). At
the secondary side, the catch diode is reverse-biased, thus the load is being supplied by the energy
stored in the output bulk capacitor.
Vout
VOLTAGE
REFERENCE
Vin
CLOCK
LATCH
R
S
Q
Rs
DRIVER
-
+
ERROR
AMPLIFIER
-
+
2R
R
1V
PWM
COMPARATOR
ISOLATED
FEEDBACK
Ip
Lp
Vcs
Vc
VCOMP
Vc/3
Is
Vdrain
Vac
CONTROLLER
Q
CLOCK
VC/3
Vcs=Ip
•Rs
Is
Vdrain
Vin
n
•Vout
DCM operation
Q
CLOCK
VC/3
Vcs=Ip
•Rs
Is
Vdrain
∆Ip
CCM operation
Q
CLOCK
VC/3
Vcs=Ip
•Rs
Is
Vdrain
TRANSITION
Figure A1. Flyback Topology with peak current mode control and associated waveforms
AN1049 APPLICATION NOTE
17/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com