Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1049 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1049
Description  MINIMIZE POWER LOSSES OF LIGHTLY LOADED FLYBACK
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1049 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1049 Datasheet HTML 16Page - STMicroelectronics AN1049 Datasheet HTML 17Page - STMicroelectronics AN1049 Datasheet HTML 18Page - STMicroelectronics AN1049 Datasheet HTML 19Page - STMicroelectronics AN1049 Datasheet HTML 20Page - STMicroelectronics AN1049 Datasheet HTML 21Page - STMicroelectronics AN1049 Datasheet HTML 22Page - STMicroelectronics AN1049 Datasheet HTML 23Page - STMicroelectronics AN1049 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
To account for delay to output, equation (B1) should be rewritten as follows:
VCOMP
= 3 ⋅ [Rs ⋅ (Ippk − ∆I) + Vo] +2 ⋅ Vf
(B2),
where the current overflow
∆I is:
∆I =
Vin
Lp
⋅ TDELAY (B3).
If the offset voltage is selected so that:
Vo
= V’o = Rs ⋅ ∆I = Rs ⋅
Vin
Lp
⋅ TDELAY
(B4),
the term
∆I and Vo in (B1) will cancel one the other
and the effect of the delay to output is eliminated.
Equation (B1) will still apply, provided Vo is re-
garded as the difference between the actual voltage
applied on the current sense pin of the L5991 and
the compensating value V’o.
The compensation can be easily realized with the
circuit shown in fig. B2. R2 is often used along with
the capacitor C to smooth the leading edge spikes
occurring when the switch turns on. In such a case
only R1 will be added.
Considering that V’o is in the hundred mV or less and
that, therefore, R1 >> R2 (R2 is typically 1k
Ω, R1 will
be in the M
Ω), perfect delay compensation will be
achieved when the ratio of the two resistors is:
R2
R1
= Rs ⋅
TDELAY
Lp
(B5).
The resistor R3, connected to the 5V reference volt-
age externally available on pin 4, is used for addi-
tional offsetting the voltage on the current sense
pin.
TDELAY
VCOMP-2·Vf
3 Rs
∆Imin
∆Imax
Vin = Vinmin
Vin = Vinmax
Ipx
Vomin
Vomax
Vcs
VCOMP -2·Vf
3
Vin = Vinmin
Vin = Vinmax
VCLAMP
3
VCLAMP
3
a)
b)
Figure B1. Effect of the delay to output (a) and its compensation by means of Vo (b)
Vin
Rs
L5991
R2
R1
C
Vref
R3
4
10
13
12
Figure B2. Compensation of the delay to out-
put.
AN1049 APPLICATION NOTE
21/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com