Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1049 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN1049
Description  MINIMIZE POWER LOSSES OF LIGHTLY LOADED FLYBACK
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1049 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN1049 Datasheet HTML 12Page - STMicroelectronics AN1049 Datasheet HTML 13Page - STMicroelectronics AN1049 Datasheet HTML 14Page - STMicroelectronics AN1049 Datasheet HTML 15Page - STMicroelectronics AN1049 Datasheet HTML 16Page - STMicroelectronics AN1049 Datasheet HTML 17Page - STMicroelectronics AN1049 Datasheet HTML 18Page - STMicroelectronics AN1049 Datasheet HTML 19Page - STMicroelectronics AN1049 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Experimental results
In order to validate the above considerations, an experimental example will be given. It concerns a 40W,
wide-range mains power supply for an inkjet printer, whose design has been optimized following some of
the guidelines here presented, and evaluated on the bench.
Fig. 13 shows the schematic with indication of the relevant parts. The 28V output powers the stepper
motors while the 12V output supplies the printhead. When the printer is idle these two outputs are not
loaded. The 5V section supplies the logic circuits as well as the
µcontroller that must be operating also
when the system is idle.
The system operates at 100 kHz at nominal load. This value is set by the parallel of the 22 k
Ω and the
5.6 k
Ω resistors connected at pin 2, along with the 3.3 nF capacitor placed between pin 2 and ground.
When the output load is decreased so that the input power falls below about 8W, the output of the error
amplifier crosses the lower threshold (VT1) of the internal comparator. The L5991 now disconnects inter-
nally the 5.6 k
Ω resistor, so that the capacitor is charged through the 22 kΩ resistor only and the oscilla-
tor frequency is changed to about 20 kHz.
The system works in standby at 20 kHz as long as the input power does not exceed about 9 W. When
the load current increases and this power is exceeded, the output of the error amplifier overcomes the
upper threshold (VT2) and the L5991 connects again the 5.6k
Ω resistor, thus switching the oscillator fre-
quency back to 100 kHz.
4700pF 4KV
4700pF 4KV
4.7M
STP4NA60
4N35
220
2 x 330
µF
35V
1K
0.022
µF
2.7K
3.9K
28V / 0.7A
GND
470
µF
16V
BYW100-50
BYW98-100
BYW100-200
4.7M
12V / 1.5A
5V / 0.5A
C02
C01
F01 AC 250V T1A
85 to
265 Vac
BD01
2.2
LF01
56K
10
22
13
1K
12
470pF
11
0.47
1/2 W
33
µF / 25V
8
9
14
15
22
330K
47K
2
3
4
1
0.1
µF
22K
3.3 nF
16
7
330 nF
470
470pF
6
BAT46
TL431
L5991
STTA106
5
5.6K
N1
N2
N3
N4
Naux
5.6K
5.6K
2 x 470
µF
16V
5.1K
270K
100
µF
400V
BZW50-100
1N4148
56K
Figure 13. 40W Power Supply for inkjet printers. Electrical schematic
TRANSFORMER SPECS.
CORE:
EDT29x16x10, 3c85 material, 1.4mm air gap
Prim. Induct:
260
µH
N1:
51 T, AWG26
N2:
11 T, AWG25
N3:
10 T, AWG20
N4:
4 T, AWG25
Naux:
10 T, AWG32
AN1049 APPLICATION NOTE
16/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com