Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1049 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN1049
Description  MINIMIZE POWER LOSSES OF LIGHTLY LOADED FLYBACK
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1049 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN1049 Datasheet HTML 16Page - STMicroelectronics AN1049 Datasheet HTML 17Page - STMicroelectronics AN1049 Datasheet HTML 18Page - STMicroelectronics AN1049 Datasheet HTML 19Page - STMicroelectronics AN1049 Datasheet HTML 20Page - STMicroelectronics AN1049 Datasheet HTML 21Page - STMicroelectronics AN1049 Datasheet HTML 22Page - STMicroelectronics AN1049 Datasheet HTML 23Page - STMicroelectronics AN1049 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Table A1. Typical VE ranges
Mains
110Vac
± 20%
220/240 Vac
± 20%
Universal
Vin
100
÷ 175Vdc
215
÷ 370Vdc
100
÷ 400Vdc
VE
PinTmax/PinTmin
VE
PinTmax/PinTmin
VE
PinTmax/PinTmin
VR = 50V
33.3
÷ 38.9
1.37
40.6
÷ 44.0
1.18
33.3
÷ 44.4
1.78
VR = 100V
50.0
÷ 63.6
1.62
68.3
÷ 78.7
1.33
50.0
÷ 80.0
2.56
VR = 150V
60.0
÷ 80.8
1.81
88.4
÷ 106.7
1.46
60.0
÷ 109.1
3.31
The peak primary current is no more uniquely related to Pin but now depends also on VE (i.e. Vin):
Ippk(CCM) =
Pin
Vin
⋅
T
TON
+
1
2
⋅ ∆Ip =
Pin
VE
+
VE
2
⋅ ZE
(A11).
It is possible to prove that Ippk is minimum when VE = VET for a given Pin (>PinTmin), that is at the transi-
tion, then it will be maximum for VE = VEmin (i.e. for Vin = Vinmin).
It is convenient to classify flyback converters on the basis of their maximum input power Pinmax:
Pinmax
=
Poutmax
+ Pextra
η
(A12),
being Poutmax their rated output power, Pextra some extra output power provided for transients or tempo-
rary overloads and
η their efficiency, as follows:
Pinmax < PinTmin (
⇒ VET < VEmin): DCM flyback;
PinTmin < Pinmax < PinTmax (
⇒ VEmin < VET < VEmax): MCM (Mixed Conduction Mode) flyback ;
Pinmax > PinTmax (
⇒ VET > VEmax): CCM flyback.
Peak Current Mode Control Basics
The following relationships describing the "peak" current mode control are based on the architecture
shown in fig. A1 and implemented by the L5991.
From the inspection of the schematic of fig. A1 it is possible to find the relationship between the peak pri-
mary current (Ippk), the peak voltage (Vcspk) on the (-) input of the PWM comparator and the output volt-
age (VCOMP) of the error amplifier (E/A):
VCOMP
= VC + 2 ⋅ Vf = 3 ⋅ Vcspk + 2 ⋅ Vf = 3 ⋅ (Rs ⋅ Ippk + Vo) + 2 ⋅ Vf
(B1)
where Vf is the forward drop on each "zero duty cycle diode" (0.7V typ.) and Vo a DC offset voltage that
may be applied on the (-) input of the PWM comparator (that is on the current sense pin of the L5991).
VC, the voltage downstream the two zero duty cycle diodes (and applied on the x3 divider), despite not
really available, can be considered for convenience.
Considering the 1V clamp on the (+) input of the current sense comparator, VC will be included between
0 and 3 V, and the useful swing of VCOMP between 2
⋅ Vf and 3 + 2 ⋅ Vf volt.
Actually, equation (B1) neglects the so-called "delay to output" of the PWM controller, that is the propa-
gation delay of the current sense path (PWM comparator + latch + driver). During this time, the switch is
still ON and the input current keeps on ramping up, despite Vcs has already hit the internal level on (-)
input of the PWM comparator.
This time lag (TDELAY, 70 ns typ. 100 ns max.) is compensated by the voltage loop when the system is
regulating: VCOMP is slightly lower than the value predicted by (B1) but the phase margin of the control
loop gain gets less. Instead, when the error amplifier is saturated high and the pulse-by-pulse limiting is
tripped, TDELAY causes the peak current Ippk to be larger than the expected limit 1 / Rs. As illustrated in
fig. B1, the effect is more pronunciated as the input voltage increases.
AN1049 APPLICATION NOTE
20/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com