Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1049 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1049
Description  MINIMIZE POWER LOSSES OF LIGHTLY LOADED FLYBACK
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1049 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1049 Datasheet HTML 1Page - STMicroelectronics AN1049 Datasheet HTML 2Page - STMicroelectronics AN1049 Datasheet HTML 3Page - STMicroelectronics AN1049 Datasheet HTML 4Page - STMicroelectronics AN1049 Datasheet HTML 5Page - STMicroelectronics AN1049 Datasheet HTML 6Page - STMicroelectronics AN1049 Datasheet HTML 7Page - STMicroelectronics AN1049 Datasheet HTML 8Page - STMicroelectronics AN1049 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
By substituting (9) in (8) it is possible to obtain:
PinSB
= Pinmax ⋅
0.367
− Vo
1
− Vo
2
(10).
The frequency change fosc
⇒ fSB pushes flyback into a deeper DCM operation and causes a sudden in-
crease of the peak primary current (since the input power does not change). As a result, the peak volt-
age on current sense will jump from Vcspk1 to:
Vcspk1
’
= Vo + Rs ⋅
√
2
⋅ PSB
LP
⋅ fSB
= Vo + (1 − Vo) ⋅
√
PSB
Pinmax
⋅
√fosc
fSB
(11).
This value must be <Vcspk2 not to exceed the hysteresis of the internal comparator, which would cause
the operating frequency to switch back and forth between fosc and fSB. This constraint sets a maximum
limit on the frequency change:
fosc
fSB
<
0.867
− Vo
0.367
− Vo
2
(12).
Provided equation (12) is fulfilled, the input power (PinNW) at which the normal operation frequency is re-
sumed (fSB
⇒ fosc) will be:
PinNW
=
1
2
⋅ Lp ⋅ fSB ⋅
0.867
− Vo
Rs
2
(13)
which, considering position (9), can be also expressed in the following terms:
PinNW
= Pinmax ⋅
0.867
− Vo
1
− Vo
2
⋅
fSB
fosc
= PinSB ⋅
0.867
− Vo
0.367
− Vo
2
⋅
fSB
fosc
(14).
The inspection of equations (8)...(14) shows that
adding an offset Vo lowers the ratios PinSB/Pinmax
and PinNW / Pinmax and raises the limit of fosc / fSB
(with respect to the values with Vo = 0).
This is equivalent to lowering the internal thresholds
VT1 and VT2. The effect will be more pronunciated
on VT1 than on VT2. In practice, the internal thresh-
olds have been fixed at the maximum value able to
allow high enough a frequency jump, with a certain
margin, leaving to an external circuit (like the one
shown in fig. 4) the duty of the adjustment, if neces-
sary.
Referring now to MCM (Mixed Conduction Mode) and
CCM (Continuous Conduction Mode) systems, the
peak voltage on the current sense pin is given by:
Vcspk
=
Vo
+ Rs ⋅ 
Pin
VE
+
VE
2
⋅ ZE
Pin
> PinT
Vo
+ Rs ⋅
√
2
⋅ Pin
ZE
Pin
> PinT
(15)
where ZE is to be evaluated at fsw = fosc or fsw = fSB, depending on the operating mode. At the transition
CCM
↔ DCM the peak voltage on the current sense pin will be:
VcspkT
= Vo + Rs ⋅
VE
ZE
(16).
Rs
L5991
R
C
Vref
Rc
4
10
13
12
11
Vo = Vref
R
R + Rc
Figure 4. Circuit for the adjustment of the
standby thresholds.
AN1049 APPLICATION NOTE
5/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com