Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1344 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1344
Description  The VIPer100A-E is designed to deliver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1344 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1344 Datasheet HTML 3Page - STMicroelectronics AN1344 Datasheet HTML 4Page - STMicroelectronics AN1344 Datasheet HTML 5Page - STMicroelectronics AN1344 Datasheet HTML 6Page - STMicroelectronics AN1344 Datasheet HTML 7Page - STMicroelectronics AN1344 Datasheet HTML 8Page - STMicroelectronics AN1344 Datasheet HTML 9Page - STMicroelectronics AN1344 Datasheet HTML 10Page - STMicroelectronics AN1344 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AN1344
General circuit description
7/14
Figure 5.
Voltage and current waveforms
Figure 5 illustrates the voltage drain to source, and the current through the VIPer100A-E.
Vr3 is the Vrms across R3 to snub the diode. The maximum voltage drain to source
measured 609 V out of the 700 V, specified maximum. The current shows the power supply
being in continuous conduction mode with a peak of 2 A. The snubber R3-C4 reduces
ringing thus lowering the maximum peak voltage on the Power MOSFET and reducing the
EMI. In these waveforms the transil, D3, was replaced by an RC clamp, (R2=39 K, 2 W and
C3=4700 pF). The clamp circuit worked the same under normal operation, but during start
up or during short circuit operation, the voltage on the drain of VIPer100A-E reached as high
as 750 V. The device is avalanche rugged and was able to withstand the momentary energy.
Using the Transil at this power level is preferred in order to reduce the stresses.
Table 3.
Component list
Quantity
Reference
Value
Part number
1
BR1
600 V, 1.5 A
Bridge 2KBP06M
2
C1, C17
0.1 µF, X CAP
P4610
2
C2, C20
330 µF, 200 V
P6116
1
C4
100 pF, 1 KV
P4116
1
C5
180 µF, 16 V
P10245
1
C6
4.7 nF, 50 V
P4793
1
C7
22 nF, 50 V
P4517
1
C8
1 µF, 50 V
P10312
1
C9
1800 µF, 25 V
PANASONIC FC
1
C10
1800 µF, 25 V
P10283
1
C11
470 µF, 25 V
P6242C
2
C12, C15
0.1 µF, 50 V
P4923
1
C14
2.2 nF, Y1 CAP
P10463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com