Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1344 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1344
Description  The VIPer100A-E is designed to deliver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1344 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1344 Datasheet HTML 6Page - STMicroelectronics AN1344 Datasheet HTML 7Page - STMicroelectronics AN1344 Datasheet HTML 8Page - STMicroelectronics AN1344 Datasheet HTML 9Page - STMicroelectronics AN1344 Datasheet HTML 10Page - STMicroelectronics AN1344 Datasheet HTML 11Page - STMicroelectronics AN1344 Datasheet HTML 12Page - STMicroelectronics AN1344 Datasheet HTML 13Page - STMicroelectronics AN1344 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Burst mode
AN1344
10/14
Figure 7.
Bad burst mode
At lighter load, the Vdd voltage drops below the under voltage threshold, the start up circuit
is reset, and the Vdd capacitor charges back up to the high threshold of 11 V through the
start up current source.
As shown in Figure 7 the reoccurrence of this cycle is about 300ms. The worst output
voltage swing is 2.4 V, which occurs at 20mA. At no-load condition, the output voltage swing
becomes negligible (45 mV).
This mode of operation leads to the following drawbacks:
1.
Because the start up current source is turned on to supply the capacitor from a high
voltage rail, efficiency is dramatically reduced.
2.
The recurring period leads to as much as 13% variation in the output voltage. For this
audio application it does not matter, but the designer should review all aspects of
operation.
3.
Below the minimum current of 40 mA, the dynamic behavior is very poor which is
typical of all power supplies. If the demand of current occurs during the recharging
phase, the output capacitor is discharged and normal operation returns only at the next
starting phase.
In conclusion for this design a 40 mA minimum load is needed, 0.6% of maximum load, to
keep the unit in optimal performance. However, below this range, the output voltage is still
under control and no stresses are applied to the unit.
The transformer was optimized for the current scheme and not for Blue Angel.
Table 4.
Stand-by input power
Input voltage
Input wattage at no-load
Input wattage at 40 mA
90 Vac
0.85 W
1.77 W
115 Vac
1.1 W
1.8 W
132 Vac
1.3 W
1.86 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com