Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1344 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1344
Description  The VIPer100A-E is designed to deliver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1344 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1344 Datasheet HTML 1Page - STMicroelectronics AN1344 Datasheet HTML 2Page - STMicroelectronics AN1344 Datasheet HTML 3Page - STMicroelectronics AN1344 Datasheet HTML 4Page - STMicroelectronics AN1344 Datasheet HTML 5Page - STMicroelectronics AN1344 Datasheet HTML 6Page - STMicroelectronics AN1344 Datasheet HTML 7Page - STMicroelectronics AN1344 Datasheet HTML 8Page - STMicroelectronics AN1344 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AN1344
Key features of the VIPer100A-E
3/14
1
Key features of the VIPer100A-E
■ Adjustable switching frequency up to 20 kHz
■ Current mode control
■ Burst mode operation in standby mode, meets "Blue Angel"
■ Undervoltage lock-out with hysteresis
■ Integrated start-up supply
■ Avalanche rugged
■ Overtemperature protection
■ Primary or secondary regulation
Figure 1.
Board layout
The power supply has low ripple voltage, good transient response, and be able to current
limit by power limiting and cycling on and off during a hard short. One use of this application
is to replace a bulky 60 Hz transformer with a lighter, better regulated, more efficient
alternative for an audio or entertainment system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com