Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1344 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1344
Description  The VIPer100A-E is designed to deliver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1344 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1344 Datasheet HTML 1Page - STMicroelectronics AN1344 Datasheet HTML 2Page - STMicroelectronics AN1344 Datasheet HTML 3Page - STMicroelectronics AN1344 Datasheet HTML 4Page - STMicroelectronics AN1344 Datasheet HTML 5Page - STMicroelectronics AN1344 Datasheet HTML 6Page - STMicroelectronics AN1344 Datasheet HTML 7Page - STMicroelectronics AN1344 Datasheet HTML 8Page - STMicroelectronics AN1344 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
General circuit description
AN1344
4/14
2
General circuit description
The power supply has been designed for the upper voltage range. The lower voltage range
utilizes a voltage doubler to raise the bulk voltage to 2 times the peak of the input line
voltage. In the doubling mode, the current charges one capacitor for each phase of the line,
therefore doubling the voltage. When SW1 is open, both capacitors are charged in series
resulting in a bulk voltage equal to the peak of the line input.
A wire jumper can be installed at production for units destined for countries using the lower
range. The switching frequency operates at 100 kHz. The output can deliver 18 V from no
load to 6 A continuous. The mode of operation ranges from discontinuous at high line
minimum load to continuous at low line max load. This mode of operation was chosen to
minimize the high peak currents of the discontinuous mode of operation.
The VIPer100A-E can be regulated in secondary mode with an optocoupler giving excellent
regulation or in the primary mode. Primary regulation works by regulating the Vdd pin at the
output of the auxiliary winding. Depending on the coupling of the transformer, a 15%
regulation can be achieved. In this application, by taking advantage of the dual regulation, a
current limit scheme is obtained. This VIPer100A-E advantage, along with the transformer
design, constitutes the overcurrent circuit. The transformer is designed for a turn ratio of
operation for a universal input and an inductance to run in continuous conduction mode at
one-half the output load. The coupling between the secondary to auxiliary winding along
with the VIPer100A-E dual regulation plays an important part in the current limit.
Under typical operation, the output is tightly regulated through U2 and U3, the optocoupler
and TL431 respectively. As the output current increases, it causes the voltage at the
auxiliary output to increase. R4 is selected to trim the voltage at Vdd to reach 13 V when the
output current exceeds the maximum limit. At this point, primary regulation takes over and
the output starts to fold-back.
The output uses an STMicroelectronics 100 V Schottky diode for better efficiency. C9 and
C10 are low ESR capacitors which manage the ripple current. U3 provides the reference
and the feedback to tightly regulate the output. C7, C8, and R6 form the feed back loop
compensation to optimize stability during transients.
Table 1.
Electrical specification
Parameter
Results
Input voltage
90-132 VAC with jumper in, 180 - 264 VAC no jumper
Output voltage J2
Load regulation (0.6 to 6 A) from set point
+/- 0.6%
Line regulation (at max load)
+/- 0.05%
Efficiency
86% @120 VDC and 87% @ 375 VDC
Output ripple voltage
15 mV max
Input power at no load
1.5 W typical
Transient response, 50% load step
+/- 350 mV, +/- 1.9%, 200 µs settling time
EMI
EN55022 and FCC class B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com