Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1344 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1344
Description  The VIPer100A-E is designed to deliver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1344 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1344 Datasheet HTML 4Page - STMicroelectronics AN1344 Datasheet HTML 5Page - STMicroelectronics AN1344 Datasheet HTML 6Page - STMicroelectronics AN1344 Datasheet HTML 7Page - STMicroelectronics AN1344 Datasheet HTML 8Page - STMicroelectronics AN1344 Datasheet HTML 9Page - STMicroelectronics AN1344 Datasheet HTML 10Page - STMicroelectronics AN1344 Datasheet HTML 11Page - STMicroelectronics AN1344 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
General circuit description
AN1344
8/14
1
C16
0.001 µF, 1 KV
P4128
1
D1
600 V
STMicroelectronics STTA106
1
D2
1N4148
1
D3
2x10 A, 100 V
STMicroelectronics STPS20H100CT
1
D4
3.3NZ
NU
1
D5
STMicroelectronics BZW50-180
1
F2
2.5 A, 5x20 mm
FUSE
1
J1
CON
1
J2
CON2
1
L1
2x6 mH
PLK1084
1
L4
10 µH
M6007
1
R0
0
WIRE
1
R00
0
Ω
WIRE
1
R1
33
Ω Thermistor
NW 96F3302
1
R3
200
Ω, 2 W
1
R4
8.2
Ω
1
R5
4.22 K
Ω, 1%
1
R6
6.2 K
Ω
1
R7
220
Ω
1
R8
10
Ω
1
R9
1 K
Ω
1
R10
3.16 K
Ω, 1%
1
R11
20 K
Ω, 1%
2
R12, R14
470 K
Ω, 1/4 W
1
R13
22
Ω, 1/2 W
1
SW1
SW SPST
1
TX1
Cramer Coil
E34351E
1
U1
VIPer100A-E
STMicroelectronics VIPer100A-E
1
U2
H11A817A
1
U3
TL431
STMicroelectronics TL431Z
Table 3.
Component list (continued)
Quantity
Reference
Value
Part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com