Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1344 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1344
Description  The VIPer100A-E is designed to deliver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1344 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1344 Datasheet HTML 1Page - STMicroelectronics AN1344 Datasheet HTML 2Page - STMicroelectronics AN1344 Datasheet HTML 3Page - STMicroelectronics AN1344 Datasheet HTML 4Page - STMicroelectronics AN1344 Datasheet HTML 5Page - STMicroelectronics AN1344 Datasheet HTML 6Page - STMicroelectronics AN1344 Datasheet HTML 7Page - STMicroelectronics AN1344 Datasheet HTML 8Page - STMicroelectronics AN1344 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
October 2007
Rev 2
1/14
AN1344
Application note
VIPower: 108 W power supply using VIPer100A-E
Introduction
The VIPer100A-E is designed to deliver 100 W for the upper voltage range or 50 W for
universal input. This application note describes a power supply that delivers over 100 W for
both voltage ranges using a voltage doubler in the front end. The VIPer100A-E combines a
state-of-the-art PWM circuit along with an optimized 700 V avalanche rugged Vertical Power
MOSFET. It is part of STMicroelectronics’ proprietary VIPower, (Vertical Intelligent Power). It
uses a fabrication process, which allows the integration of analog control circuits with
vertical power device on the same chip.
This document covers the implementation and results for achieving 18 V at 6 A power
supply that runs from both European and domestic mains. (90-132 Vac and 180- 264 Vac,
47-63 Hz).
www.st.com


Similar Part No. - AN1344

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1348 STMICROELECTRONICS-AN1348 Datasheet
118Kb / 7P
ST485 is a RS-485 based interface designed for multipoint differential transmission
Jun-2004
More results

Similar Description - AN1344

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH2110 NSC-LMH2110_1 Datasheet
1Mb / 6P
evaluation board is designed to help the evaluation
logo
DONGGUAN YOU FENG WEI E...
SMBJ5.0A-SMBJ440A YFWDIODE-SMBJ5.0A-SMBJ440A Datasheet
1Mb / 5P
The SMBJ series is designed specifically to protect
logo
Littelfuse
SMAJ-E LITTELFUSE-SMAJ-E Datasheet
1Mb / 5P
The SMAJ-E series is designed specifically to protect
SMBJ-E LITTELFUSE-SMBJ-E Datasheet
1Mb / 5P
The SMBJ-E series is designed specifically to protect
logo
SHIKUES Electronics
SMDJ5.0AG SKTECHNOLGY-SMDJ5.0AG Datasheet
482Kb / 4P
The SMDJ series is designed specifically to protect
SMDJ5.0CAG SKTECHNOLGY-SMDJ5.0CAG Datasheet
482Kb / 4P
The SMDJ series is designed specifically to protect
logo
Guangdong Youtai Semico...
LESD3Z5.0CMT1G UMW-LESD3Z5.0CMT1G Datasheet
463Kb / 4P
The LESD3Z5.0CMT1G is designed to protect voltage
LESD5D5.0CT1G UMW-LESD5D5.0CT1G Datasheet
405Kb / 4P
The LESD5D5.0CT1G is designed to protect voltage
LESD8D7.0CAT5G UMW-LESD8D7.0CAT5G Datasheet
367Kb / 4P
The LESD8D7.0CA is designed to protect
LESD8LH5.0CT5G UMW-LESD8LH5.0CT5G Datasheet
456Kb / 4P
The LESD8LH5.0CT5G is designed to protect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com