Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1344 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1344
Description  The VIPer100A-E is designed to deliver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1344 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1344 Datasheet HTML 5Page - STMicroelectronics AN1344 Datasheet HTML 6Page - STMicroelectronics AN1344 Datasheet HTML 7Page - STMicroelectronics AN1344 Datasheet HTML 8Page - STMicroelectronics AN1344 Datasheet HTML 9Page - STMicroelectronics AN1344 Datasheet HTML 10Page - STMicroelectronics AN1344 Datasheet HTML 11Page - STMicroelectronics AN1344 Datasheet HTML 12Page - STMicroelectronics AN1344 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN1344
Layout considerations
9/14
3
Layout considerations
Some simple rules to improve the performance and minimize noise should be followed:
1.
Minimize power loops. Switched power current paths inner loop area must be as small
as possible. This can be achieved by careful layout of the printed circuit board. This
avoids radiated and conducted EMI noise, and improves efficiency by eliminating
parasitic inductance, thus reducing or eliminating the need for snubbers and EMI
filtering.
2.
Use separate tracks for low level signal and power traces carrying fast switching pulses.
This can be seen on the VIPer100A-E pin 4. Ground is split between power and signal
traces on the printed circuit lay out. When signal paths share the same trace as a
power path, instabilities may result. The compensation components, C7, R6, and C9
are on a separate trace connected directly to the source of the device.
4
Burst mode
When the output current is too low, the minimum on time, fixed by the internal blanking time,
is too high to control the output voltage. In this case the burst mode operation takes over
automatically. The VIPer100A-E switch stays off when the voltage on the compensation pin
goes below 0.5 V. This results in missing cycles as shown in Figure 6. Vin is 115 VAC,
minimum output current is at 40 mA.
Figure 6.
Good burst mode
As can be seen, there is a burst of pulses followed by a pause of 600 ms. This repetitive
burst reduces power consumption while maintaining a negligible ripple on the output. The
Vdd voltage is stable, just above the low threshold of 8 V of the internal under voltage lock
out. The under voltage lock out can be reached by further reducing the output current. As
the current decreases, the Vdd voltage on the primary side also decreases. When Vdd falls
below the under voltage lock out of 8 V, another type of burst mode appears which is
controlled by the Vdd voltage. This is called “bad” burst mode (see Figure 7) because it has
drawbacks, but the output voltage is still under control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com