Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1344 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1344
Description  The VIPer100A-E is designed to deliver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1344 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1344 Datasheet HTML 6Page - STMicroelectronics AN1344 Datasheet HTML 7Page - STMicroelectronics AN1344 Datasheet HTML 8Page - STMicroelectronics AN1344 Datasheet HTML 9Page - STMicroelectronics AN1344 Datasheet HTML 10Page - STMicroelectronics AN1344 Datasheet HTML 11Page - STMicroelectronics AN1344 Datasheet HTML 12Page - STMicroelectronics AN1344 Datasheet HTML 13Page - STMicroelectronics AN1344 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AN1344
Thermal consideration
11/14
5
Thermal consideration
Temperature measurement was taken at room ambient of 24 °C, convection air-cooled
resulted in the VIPer100A-E tab temperature of 91.1 °C at 115 Vac input with a 6 A output.
Results may vary depending on final application.
6
Overcurrent limiting
This power supply was designed for an audio application where music peaks can exceed
the maximum current of the power supply. In a sound entertainment system it is imperative
for the power supply to not shut down during such peaks. It is acceptable for the voltage to
decrease as the current increases. This maintains constant power for the unit. Under a short
circuit condition, this unit cycles on and off or "hiccup mode". In Figure 8 the output voltage
versus the output current is shown. Maximum output power reached is 163 W. The
VIPer100A-E also has thermal shutdown with hysteresis that is located close to the Power
MOSFET portion of the die, which protects it from exceeding the temperature limit of the I.C.
Figure 8.
Output voltage versus the output
current
Figure 9.
Transient Response 50% step
change
Figure 10.
Output Ripple
Figure 11.
EMI measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com