Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2381 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2381
Description  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2381 Datasheet HTML 17Page - STMicroelectronics AN2381 Datasheet HTML 18Page - STMicroelectronics AN2381 Datasheet HTML 19Page - STMicroelectronics AN2381 Datasheet HTML 20Page - STMicroelectronics AN2381 Datasheet HTML 21Page - STMicroelectronics AN2381 Datasheet HTML 22Page - STMicroelectronics AN2381 Datasheet HTML 23Page - STMicroelectronics AN2381 Datasheet HTML 24Page - STMicroelectronics AN2381 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
AN2381
Registers Description
21/47
5.2
Control registers
5.2.1
CTRL_REG1 (20h)
Control register #1.
PD1, PD0 bits allow to turn on the device. The device is in power-down mode when PD1,
PD0= “00” (default value after boot). The device is in normal mode when either PD1 or PD0
is set to 1.
DF1, DF0 bits allow to modify the decimation factor of the internal digital filter thus selecting
the data rate at which acceleration samples are produced. The default value is 00 which
corresponds to a data-rate of 40Hz (decimation factor of 512). By changing the content of
DF1, DF0 to “01”, “10” and “11” the selected data-rate will be set respectively equal to
160Hz, to 640Hz and to 2560Hz which correspond to a decimation of 128, 32, 8
respectively.
ST bit is used to activate the self test function. When the bit is set to 1, an output change will
occur to the device outputs thus allowing to check the functionality of the whole
measurement chain.
Zen bit enables the Z-axis measurement channel when set to 1. The default value is 1.
Yen bit enables the Y-axis measurement channel when set to 1. The default value is 1.
Xen bit enables the X-axis measurement channel when set to 1. The default value is 1.
PD1
PD0
DF1
DF0
ST
Zen
Yen
Xen
PD1,
PD0
Power Down Control. Default value: 00
(00: power down mode; x1, 1x: normal mode)
DF1,
DF0
Decimation Factor Control. Default value: 00
(00: decimate by 512
01: decimate by 128
10: decimate by 32
11: decimate by 8)
ST
Self Test Enable. Default value: 0
(0: normal mode; 1: self test enabled)
Zen
Z-axis enable. Default value: 1
(0: channel disabled; 1: channel enabled)
Yen
Y-axis enable. Default value: 1
(0: channel disabled; 1: channel enabled)
Xen
X-axis enable. Default value: 1
(0: channel disabled; 1: channel enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com